Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2794 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2794
Description  LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2794 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2794 Datasheet HTML 6Page - Texas Instruments LM2794 Datasheet HTML 7Page - Texas Instruments LM2794 Datasheet HTML 8Page - Texas Instruments LM2794 Datasheet HTML 9Page - Texas Instruments LM2794 Datasheet HTML 10Page - Texas Instruments LM2794 Datasheet HTML 11Page - Texas Instruments LM2794 Datasheet HTML 12Page - Texas Instruments LM2794 Datasheet HTML 13Page - Texas Instruments LM2794 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VIN
LM2795
SD
Shutdown
Control
*Only on
LM2795
10PA
*
LM2794, LM2795
SNVS168L – JANUARY 2002 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
CIRCUIT DESCRIPTION
The LM2794/5 is a 1.5x/1x CMOS charge pump with four matched constant current outputs, each capable of
driving up to 20mA through White LEDs. This device operates over the extended Li-Ion battery range from 2.7V
to 5.5V. The LM2794/5 has four regulated current sources connected to the device's 1.5x charge pump output
(POUT). At input voltages below 4.7V (typ.), the charge-pump provides the needed voltage to drive high forward
voltage drop White LEDs. It does this by stepping up the POUT voltage 1.5 times the input voltage. The charge
pump operates in Pass Mode, providing a voltage on POUT equal to the input voltage, when the input voltage is at
or above 4.7V (typ.). The device can drive up to 80mA through any combination of LEDs connected to the
constant current outputs D1-D4.
To set the LED drive current, the device uses a resistor connected to the ISET pin to set a reference current. This
reference current is then multiplied and mirrored to each constant current output. The LED brightness can then
be controlled by analog and/or digital methods. Applying an analog voltage in the range of 0V to 3.0V to the
Brightness pin (BRGT) adjusts the dimming profile of the LEDs. The digital technique uses a PWM (Pulse Width
Modulation) signal applied to the Shutdown pin (SD). (see ISET AND BRGT PINS).
SOFT START
Soft start is implemented internally by ramping the reference voltage more slowly than the applied voltage.
During soft start, the current through the LED outputs will ramp up in proportion to the rate that the reference
voltage is being ramped up.
SHUTDOWN MODE
The shutdown pin (SD) disables the part and reduces the quiescent current to 2.3µA (typ.).
The LM2795 has an active-high shutdown pin (HIGH = shutdown, LOW = operating). An internal pull-up is
connected between SD and VIN of the LM2795. This allows the use of open-drain logic control of the LM2795
shutdown, as shown in Figure 22. The LM2795 SD pin can also be driven with a rail-to-rail CMOS logic signal.
Figure 22. Open-Drain Logic Shutdown Control
The LM2794 has an active-low shutdown pin (LOW = shutdown, HIGH = operating). The LM2794 SD pin can be
driven with a low-voltage CMOS logic signal (1.5V logic, 1.8V logic, etc). There is no internal pull-up or pull-down
on the SD pin of the LM2794.
CAPACITOR SELECTION
The LM2794/5 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are generally
not recommended for use with the LM2794/5 due to their high ESR, as compared to ceramic capacitors.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


Similar Part No. - LM2794

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794BL NSC-LM2794BL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794BLX NSC-LM2794BLX Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2794TL NSC-LM2794TL Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
More results

Similar Description - LM2794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com