Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2673T-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2673T-ADJ
Description  LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2673T-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2673T-ADJ Datasheet HTML 1Page - Texas Instruments LM2673T-ADJ Datasheet HTML 2Page - Texas Instruments LM2673T-ADJ Datasheet HTML 3Page - Texas Instruments LM2673T-ADJ Datasheet HTML 4Page - Texas Instruments LM2673T-ADJ Datasheet HTML 5Page - Texas Instruments LM2673T-ADJ Datasheet HTML 6Page - Texas Instruments LM2673T-ADJ Datasheet HTML 7Page - Texas Instruments LM2673T-ADJ Datasheet HTML 8Page - Texas Instruments LM2673T-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Not to scale
DAP
1
NC
14
Switch_output
2
Input
13
Switch_output
3
Input
12
Switch_output
4
CB
11
NC
5
NC
10
NC
6
Current_adjust
9
GND
7
FB
8
SS
Not to scale
1
Switch_output
2
Input
3
CB
4
GND
5
Current_adjust
6
FB
7
SS
Not to scale
3
LM2673
www.ti.com
SNVS030O – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LM2673
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
KTW Package
7-Pin TO-263
Top View
NDZ Package
7-Pin TO-220
Top View
NHM Package
14-Pin VSON
Top View
Connect DAP to pin 9 on PCB.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-263,
TO-220
VSON
Switch output
1
12, 13, 14
O
Source pin of the internal High Side FET. This is a switching node. Attached this pin to
an inductor and the cathode of the external diode.
Input
2
2, 3
I
Supply input pin to collector pin of high side FET. Connect to power supply and input
bypass capacitors CIN. Path from VIN pin to high frequency bypass CIN and GND
must be as short as possible.
CB
3
4
I
Boot-strap capacitor connection for high-side driver. Connect a high quality 100-nF
capacitor from CB to VSW Pin.
GND
4
9
Power ground pins. Connect to system ground. Ground pins of CIN and COUT. Path to
CIN must be as short as possible.
Current adjust
5
6
I
Current Limit adjust pin. Connect a resistor from this pin to GND to set the current limit
of the part.
FB
6
7
I
Feedback sense input pin. Connect to the midpoint of feedback divider to set VOUT for
ADJ version or connect this pin directly to the output capacitor for a fixed output
version.
SS
7
8
I
Soft-start pin. Connect a capacitor from this pin to GND to control the output voltage
ramp. If the feature not desired, the pin can be left floating
NC
1, 5, 10, 11
No connect pins


Similar Part No. - LM2673T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673T-ADJ NSC-LM2673T-ADJ Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673T-ADJ TI-LM2673T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
More results

Similar Description - LM2673T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com