Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2673SX-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2673SX-5.0
Description  LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2673SX-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM2673SX-5.0 Datasheet HTML 1Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 2Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 3Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 4Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 5Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2673SX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
LM2673
www.ti.com
SNVS030O – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LM2673
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Junction to ambient thermal resistance (no external heat sink) for the 7-lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PCB with minimum copper area.
(3)
Junction to ambient thermal resistance (no external heat sink) for the 7-lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PCB containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
(4)
Junction to ambient thermal resistance for the 7-lead DDPAK mounted horizontally against a PCB area of 0.136 square inches (the
same size as the DDPAK package) of 1 oz. (0.0014 in. thick) copper.
(5)
Junction to ambient thermal resistance for the 7-lead DDPAK mounted horizontally against a PCB area of 0.4896 square inches (3.6
times the area of the DDPAK package) of 1 oz. (0.0014 in. thick) copper.
(6)
Junction to ambient thermal resistance for the 7-lead DDPAK mounted horizontally against a PCB copper area of 1.0064 square inches
(7.4 times the area of the DDPAK 3 package) of 1 oz. (0.0014 in. thick) copper. Additional copper area will reduce thermal resistance
further.
(7)
Junction to ambient thermal resistance for the 14-lead VSON mounted on a PCB copper area equal to the die attach paddle.
(8)
Junction to ambient thermal resistance for the 14-lead VSON mounted on a PCB copper area using 12 vias to a second layer of copper
equal to die attach paddle. Additional copper area will reduce thermal resistance further. For layout recommendations, see Application
Note AN-1187 Leadless Leadfram Package (LLP).
6.4 Thermal Information
THERMAL METRIC(1)
LM2678
UNIT
NDZ (TO-220)
KTW (TO-263)
NHM (VSON)
7 PINS
7 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
See (2)
65
°C/W
See (3)
45
See (4)
56
See (5)
35
See (6)
26
See (7)
55
See (8)
29
RθJC(top)
Junction-to-case (top) thermal resistance
2
2
°C/W
(1)
All room temperature limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are specified via
correlation using standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
6.5 Electrical Characteristics: LM2673 – 3.3 V
Specifications apply for TA = TJ = 25°C unless otherwise noted. RADJ = 5.6 kΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT
Output voltage
VIN = 8 V to 40 V,
100 mA
≤ IOUT ≤ 5 A
3.234
3.3
3.366
V
over the entire junction temperature
range of operation –40°C to 125°C
3.201
3.399
η
Efficiency
VIN = 12 V, ILOAD = 5 A
86%
(1)
All room temperature limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are specified via
correlation using standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
6.6 Electrical Characteristics: LM2673 – 5 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT
Output voltage
VIN = 8 V to 40 V,
100 mA
≤ IOUT ≤ 5 A
4.9
5
5.1
V
over the entire junction temperature
range of operation –40°C to 125°C
4.85
5.15
η
Efficiency
VIN = 12 V, ILOAD = 5 A
88%


Similar Part No. - LM2673SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2673SX-5.0 TI-LM2673SX-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
More results

Similar Description - LM2673SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com