Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2700Q Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2700Q
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2700Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2700Q Datasheet HTML 7Page - Texas Instruments LM2700Q Datasheet HTML 8Page - Texas Instruments LM2700Q Datasheet HTML 9Page - Texas Instruments LM2700Q Datasheet HTML 10Page - Texas Instruments LM2700Q Datasheet HTML 11Page - Texas Instruments LM2700Q Datasheet HTML 12Page - Texas Instruments LM2700Q Datasheet HTML 13Page - Texas Instruments LM2700Q Datasheet HTML 14Page - Texas Instruments LM2700Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
'iL =
(in Amps)
VIND
2Lfs
VINRDSON
0.144 fs
L >
(
)
D
D'
2
-1
(
)
D
D'
+1
(in H)
LM2700Q
www.ti.com
SNVS794A – MARCH 2012 – REVISED MARCH 2013
RO is the output impedance of the error amplifier, approximately 850kΩ
(4)
For most applications, performance can be optimized by choosing values within the range 5k
Ω ≤ RC ≤ 20kΩ (RC
can be up to 200k
Ω if CC2 is used, see High Output Capacitor ESR Compensation) and 680pF ≤ CC ≤ 4.7nF.
Refer to the Applications Information section for recommended values for specific circuits and conditions. Refer
to the Compensation section for other design requirement.
COMPENSATION
This section will present a general design procedure to help insure a stable and operational circuit. The designs
in this datasheet are optimized for particular requirements. If different conversions are required, some of the
components may need to be changed to ensure stability. Below is a set of general guidelines in designing a
stable circuit for continuous conduction operation (loads greater than approximately 100mA), in most all cases
this will provide for stability during discontinuous operation as well. The power components and their effects will
be determined first, then the compensation components will be chosen to produce stability.
INDUCTOR AND DIODE SELECTION
Although the inductor sizes mentioned earlier are fine for most applications, a more exact value can be
calculated. To ensure stability at duty cycles above 50%, the inductor must have some minimum value
determined by the minimum input voltage and the maximum output voltage. This equation is:
where
fs is the switching frequency
D is the duty cycle
RDSON is the ON resistance of the internal switch taken Figure 9
(5)
This equation is only good for duty cycles greater than 50% (D>0.5), for duty cycles less than 50% the
recommended values may be used. The corresponding inductor current ripple as shown in Figure 17 (a) is given
by:
(6)
The inductor ripple current is important for a few reasons. One reason is because the peak switch current will be
the average inductor current (input current or ILOAD/D') plus ΔiL. As a side note, discontinuous operation occurs
when the inductor current falls to zero during a switching cycle, or
ΔiL is greater than the average inductor
current. Therefore, continuous conduction mode occurs when
ΔiL is less than the average inductor current. Care
must be taken to make sure that the switch will not reach its current limit during normal operation. The inductor
must also be sized accordingly. It should have a saturation current rating higher than the peak inductor current
expected. The output voltage ripple is also affected by the total ripple current.
The output diode for a boost regulator must be chosen correctly depending on the output voltage and the output
current. The typical current waveform for the diode in continuous conduction mode is shown in Figure 17 (b). The
diode must be rated for a reverse voltage equal to or greater than the output voltage used. The average current
rating must be greater than the maximum load current expected, and the peak current rating must be greater
than the peak inductor current. During short circuit testing, or if short circuit conditions are possible in the
application, the diode current rating must exceed the switch current limit. Using Schottky diodes with lower
forward voltage drop will decrease power dissipation and increase efficiency.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2700Q


Similar Part No. - LM2700Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700QMT-ADJ TI1-LM2700QMT-ADJ Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700QMTX-ADJ TI1-LM2700QMTX-ADJ Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2700Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com