Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2679S-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2679S-5.0
Description  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679S-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2679S-5.0 Datasheet HTML 1Page - Texas Instruments LM2679S-5.0 Datasheet HTML 2Page - Texas Instruments LM2679S-5.0 Datasheet HTML 3Page - Texas Instruments LM2679S-5.0 Datasheet HTML 4Page - Texas Instruments LM2679S-5.0 Datasheet HTML 5Page - Texas Instruments LM2679S-5.0 Datasheet HTML 6Page - Texas Instruments LM2679S-5.0 Datasheet HTML 7Page - Texas Instruments LM2679S-5.0 Datasheet HTML 8Page - Texas Instruments LM2679S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM2679
SNVS026O – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2679
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specification........................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 3.3 V .............................. 5
6.6
Electrical Characteristics – 5 V ................................. 5
6.7
Electrical Characteristics – 12 V ............................... 6
6.8
Electrical Characteristics – Adjustable...................... 6
6.9
Electrical Characteristics – All Output Voltage
Versions ..................................................................... 6
6.10
Typical Characteristics ............................................ 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application .................................................. 14
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 27
11
Device and Documentation Support ................. 28
11.1
Related Documentation......................................... 28
11.2
Receiving Notification of Documentation Updates 28
11.3
Community Resources.......................................... 28
11.4
Trademarks ........................................................... 28
11.5
Electrostatic Discharge Caution ............................ 28
11.6
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
12.1
VSON Package Devices ....................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (April 2013) to Revision O
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Removed all references to Computer Design Software LM267X Made Simple (Version 6.0).............................................. 1
Changes from Revision M (April 2013) to Revision N
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 15


Similar Part No. - LM2679S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2679S-5.0 NSC-LM2679S-5.0 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
More results

Similar Description - LM2679S-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2678 TI1-LM2678 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com