Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2671M-ADJ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671M-ADJ/NOPB
Description  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671M-ADJ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2671M-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM2671M-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LM2671
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
45
V
ON/OFF pin voltage, VSH
−0.1
6
V
Switch voltage to ground
–1
V
Boost pin voltage
VSW + 8
V
Feedback pin voltage, VFB
−0.3
14
V
Power dissipation
Internally Limited
Lead temperature
D package
Vapor phase (60 s)
215
°C
Infrared (15 s)
220
P package (soldering, 10 s)
260
WSON package
See AN-1187
Maximum junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage
6.5
40
V
Junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Junction to ambient thermal resistance with approximately 1 square inch of printed-circuit board copper surrounding the leads. Additional
copper area lowers thermal resistance further. The value RθJA for the WSON (NHN) package is specifically dependent on PCB trace
area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON
package, see AN-1187 Leadless Leadframe Package (LLP).
7.4 Thermal Information
THERMAL METRIC(1)
LM2674
UNIT
D (SOIC)
P (PDIP)
NHN (WSON)
8 PINS
8 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance(2)
105
95
°C/W


Similar Part No. - LM2671M-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2671M-ADJ/NOPB TI1-LM2671M-ADJ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
More results

Similar Description - LM2671M-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com