Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2671M-3.3/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671M-3.3/NOPB
Description  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671M-3.3/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2671M-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM2671M-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2671
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
LM2671 SIMPLE SWITCHER® Power Converter High Efficiency 500-mA
Step-Down Voltage Regulator With Features
1
1 Features
1
Efficiency up to 96%
Available in 8-Pin SOIC, PDIP, and WSON
Packages
Simple and Easy to Design With
Requires Only 5 External Components
Uses Readily Available Standard Inductors
3.3-V, 5-V, 12-V, and Adjustable Output Versions
Adjustable Version Output Voltage Range: 1.21 V
to 37 V
±1.5% Maximum Output Voltage Tolerance Over
Line and Load Conditions
Ensured 500-mA Output Load Current
0.25-
Ω DMOS Output Switch
Wide Input Voltage Range: 8 V to 40 V
260-kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby
Mode
Soft-Start and Frequency Synchronization
Thermal Shutdown and Current-Limit Protection
2 Applications
Simple High Efficiency (> 90%) Step-Down (Buck)
Regulators
Efficient Preregulator for Linear Regulators
3 Description
The LM2671 series of regulators are monolithic
integrated circuits built with a LMDMOS process.
These regulators provide all the active functions for a
step-down (buck) switching regulator, capable of
driving a 500-mA load current with excellent line and
load regulation. These devices are available in fixed
output voltages of 3.3 V, 5 V, 12 V, and an adjustable
output version.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include patented internal frequency compensation,
fixed frequency oscillator, external shutdown, soft
start, and frequency synchronization.
The LM2671 series operates at a switching frequency
of
260
kHz,
thus
allowing
smaller
sized
filter
components
than
what
is
required
with
lower
frequency switching regulators. Because of its very
high efficiency (> 90%), the copper traces on the
printed-circuit
board
are
the
only
heat
sinking
required.
A family of standard inductors for use with the
LM2671
are
available
from
several
different
manufacturers. This feature greatly simplifies the
design of switch-mode power supplies using these
advanced ICs. Also included in the data sheet are
selector guides for diodes and capacitors designed to
work in switch-mode power supplies.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2674
SOIC (8)
4.90 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
WSON (16)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
For fixed output voltage versions


Similar Part No. - LM2671M-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2671M-3.3/NOPB TI1-LM2671M-3.3/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
More results

Similar Description - LM2671M-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com