Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2671 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 2Page - Texas Instruments LM2671 Datasheet HTML 3Page - Texas Instruments LM2671 Datasheet HTML 4Page - Texas Instruments LM2671 Datasheet HTML 5Page - Texas Instruments LM2671 Datasheet HTML 6Page - Texas Instruments LM2671 Datasheet HTML 7Page - Texas Instruments LM2671 Datasheet HTML 8Page - Texas Instruments LM2671 Datasheet HTML 9Page - Texas Instruments LM2671 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LM2671
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured through correlation using
standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2671 is used as shown in Figure 15 and Figure 21 test circuits, system performance is as
specified by the system parameters section of the Electrical Characteristics.
7.8 Electrical Characteristics – Adjustable
Specifications are for TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1) UNIT
SYSTEM PARAMETERS(3)
VFB
Feedback
voltage
VIN = 8 V to 40 V,
ILOAD = 20 mA to 500 mA
VOUT programmed for 5 V
TJ = 25°C
1.192
1.21
1.228
V
Over full operating
temperature range
1.174
1.246
VIN = 6.5 V to 40 V,
ILOAD = 20 mA to 250 mA
VOUT programmed for 5 V
TJ = 25°C
1.192
1.21
1.228
V
Over full operating
temperature range
1.174
1.246
η
Efficiency
VIN = 12 V, ILOAD = 500 mA
90%
7.9 Electrical Characteristics – All Output Voltage Versions
Specifications are for TJ = 25°C, VIN = 12 V for the 3.3-V, 5-V, and Adjustable versions and VIN = 24 V for the 12-V version,
and ILOAD = 100 mA (unless otherwise noted).
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE PARAMETERS
IQ
Quiescent current
VFEEDBACK = 8 V
for 3.3-V, 5-V, and adjustable versions
2.5
3.6
mA
VFEEDBACK = 15 V
for 12-V versions
2.5
ISTBY
Standby quiescent current
ON/OFF pin = 0 V
TJ = 25°C
50
100
μA
Over full operating temperature
range
150
ICL
Current limit
TJ = 25°C
0.62
0.8
1.2
A
Over full operating temperature range
0.575
1.25
IL
Output leakage current
VIN = 40 V, ON/OFF pin = 0 V
VSWITCH = 0 V
1
25
μA
VSWITCH = −1 V, ON/OFF pin = 0 V
6
15
mA
RDS(ON) Switch ON-resistance
ISWITCH = 500 mA
TJ = 25°C
0.25
0.4
Ω
Over full operating temperature
range
0.6
fO
Oscillator frequency
Measured at switch pin
TJ = 25°C
260
kHz
Over full operating temperature
range
225
275
D
Maximum duty cycle
95%
Minimum duty cycle
0%
IBIAS
Feedback bias current
VFEEDBACK = 1.3 V (adjustable version only)
85
nA
VS/D
ON/OFF pin voltage thresholds
TJ = 25°C
1.4
V
Over full operating temperature range
0.8
2
IS/D
ON/OFF pin current
ON/OFF pin = 0 V
TJ = 25°C
20
μA
Over full operating temperature
range
7
37
FSYNC
Synchronization frequency
VSYNC = 3.5 V, 50% duty cycle
400
kHz
VSYNC
Synchronization threshold voltage
1.4
V
VSS
Soft-start voltage
TJ = 25°C
0.63
V
Over full operating temperature range
0.53
0.73
ISS
Soft-start current
TJ = 25°C
4.5
μA
Over full operating temperature range
1.5
6.9


Similar Part No. - LM2671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671 TI-LM2671 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671 TI-LM2671 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
logo
National Instruments Co...
LM2671 NI-LM2671 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
More results

Similar Description - LM2671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
[Old version datasheet]   LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com