Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2619 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2619
Description  500-mA Sub-Miniature Step-Down DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2619 Datasheet(HTML) 2 Page - Texas Instruments

  LM2619 Datasheet HTML 1Page - Texas Instruments LM2619 Datasheet HTML 2Page - Texas Instruments LM2619 Datasheet HTML 3Page - Texas Instruments LM2619 Datasheet HTML 4Page - Texas Instruments LM2619 Datasheet HTML 5Page - Texas Instruments LM2619 Datasheet HTML 6Page - Texas Instruments LM2619 Datasheet HTML 7Page - Texas Instruments LM2619 Datasheet HTML 8Page - Texas Instruments LM2619 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SGND
D2
EN
A2
A3
B3
C3
D3
A1
B1
C1
D1
VDD
PVIN
SW
PGND
FB
EAOUT
EANEG
SYNC/
MODE
SGND
D2
VDD
PVIN
SW
PGND
FB
EAOUT
EANEG
SYNC/
MODE
EN
A1
B1
C1
D1
A3
B3
C3
D3
A2
10PH
PWM/PFM
FB
EN
VDD
PVIN
EAOUT
EANEG SGND PGND
SW
ON/OFF
22.1k
680pF
22PF
VIN
2.8V to
5.5V
SYNC/
MODE
LM2619
V OU T
1.5V
10PF
LM2619
SNVS212B – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Figure 3. Typical Circuit for 1.5-V Output Voltage
Connection Diagrams
10-Bump DSBGA Package
Figure 4. YPA Package Top View
Figure 5. YPA Package Bottom View
Pin Functions
Table 1. Pin Description
Pin No.
Pin Name
Function
A1
FB
Feedback Analog Input.
B1
EANEG
Inverting input of error amplifier.
C1
EAOUT
Output of error amplifier.
D1
SYNC/MODE
Synchronization Input. Use this digital input for frequency selection or modulation control. Set:
SYNC/MODE = high for low-noise 600kHz PWM mode
SYNC/MODE = low for low-current PFM mode
SYNC/MODE = a 500kHz–1MHz external clock for synchronization in PWM mode. (See OPERATING
MODE SELECTION and FREQUENCY SYNCHRONIZATION in Device Information.)
D2
EN
Enable Input. Set this Schmitt trigger digital input high for normal operation. For shutdown, set low. Set
EN low during system power-up and other low supply voltage conditions. (See SHUTDOWN MODE in
Device Information.)
D3
PGND
Power Ground.
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier. Connect to an
inductor with a saturation current rating that exceeds the max Switch Peak Current Limit of the LM2619.
B3
PVIN
Power Supply Voltage Input to the internal PFET switch. Connect to the input filter capacitor.
A3
VDD
Analog Supply Input. If board layout is not optimum, an optional 0.1µF ceramic capacitor is suggested.
A2
SGND
Analog and Control Ground.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2619


Similar Part No. - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATL NSC-LM2619ATL Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619ATLX NSC-LM2619ATLX Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM2619

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
ON Semiconductor
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com