Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC245NE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC245NE4
Description  Octal Bus Transceivers With 3-State Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC245NE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC245NE4 Datasheet HTML 1Page - Texas Instruments SN74HC245NE4 Datasheet HTML 2Page - Texas Instruments SN74HC245NE4 Datasheet HTML 3Page - Texas Instruments SN74HC245NE4 Datasheet HTML 4Page - Texas Instruments SN74HC245NE4 Datasheet HTML 5Page - Texas Instruments SN74HC245NE4 Datasheet HTML 6Page - Texas Instruments SN74HC245NE4 Datasheet HTML 7Page - Texas Instruments SN74HC245NE4 Datasheet HTML 8Page - Texas Instruments SN74HC245NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54HC245, SN74HC245
www.ti.com
SCLS131E – DECEMBER 1982 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
FK Package
20-Pin LCCC
DB, DGV, DW, N, J, W, or PW Package
Top View
20-Pin SSOP, TVSOP, SOIC, PDIP CDIP, CFP, or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
DIR
I/O
Direction Pin
2
A1
I/O
A1 Input/Output
3
A2
I/O
A2 Input/Output
4
A3
I/O
A3 Input/Output
5
A4
I/O
A4 Input/Output
6
A5
I/O
A5 Input/Output
7
A6
I/O
A6 Input/Output
8
A7
I/O
A7 Input/Output
9
A8
I/O
A8 Input/Output
10
GND
Ground Pin
11
B8
I/O
B8 Input/Output
12
B7
I/O
B7 Input/Output
13
B6
I/O
B6 Input/Output
14
B5
I/O
B5 Input/Output
15
B4
I/O
B4 Input/Output
16
B3
I/O
B3 Input/Output
17
B2
I/O
B2 Input/Output
18
B1
I/O
B1 Input/Output
19
OE
I/O
Output Enable
20
VCC
Power Pin
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC245 SN74HC245


Similar Part No. - SN74HC245NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC245NE4 TI-SN74HC245NE4 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245NE4 TI-SN74HC245NE4 Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245NE4 TI1-SN74HC245NE4 Datasheet
1Mb / 28P
[Old version datasheet]   Octal Bus Transceivers
More results

Similar Description - SN74HC245NE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com