Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISP1520 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. ISP1520
Description  Hi-Speed Universal Serial Bus hub controller
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1520 Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1520 Datasheet HTML 1Page - NXP Semiconductors ISP1520 Datasheet HTML 2Page - NXP Semiconductors ISP1520 Datasheet HTML 3Page - NXP Semiconductors ISP1520 Datasheet HTML 4Page - NXP Semiconductors ISP1520 Datasheet HTML 5Page - NXP Semiconductors ISP1520 Datasheet HTML 6Page - NXP Semiconductors ISP1520 Datasheet HTML 7Page - NXP Semiconductors ISP1520 Datasheet HTML 8Page - NXP Semiconductors ISP1520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ISP1520
Hi-Speed Universal Serial Bus hub controller
Rev. 02 — 04 May 2004
Product data
1.
General description
The ISP1520 is a stand-alone Universal Serial Bus (USB) hub controller IC that
complies with
Universal Serial Bus Specification Rev. 2.0. It supports data transfer at
high-speed (480 Mbit/s), full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s).
The upstream facing port can be connected to a Hi-Speed USB host or hub or to an
Original USB host or hub. If the upstream facing port is connected to a Hi-Speed USB
host or hub, then the ISP1520 will operate as a Hi-Speed USB hub. That is, it will
support high-speed, full-speed and low-speed devices connected to its downstream
facing ports. If the upstream facing port is connected to an Original USB host or hub,
then the ISP1520 will operate as an Original USB hub. That is, high-speed devices
that are connected to its downstream facing ports will operate in full-speed mode
instead.
The ISP1520 is a full hardware USB hub controller. All Original USB devices
connected to the downstream facing ports are handled using a single Transaction
Translator (TT), when operating in a cross-version environment. This allows the
whole 480 Mbit/s upstream bandwidth to be shared by all the Original USB devices
on its downstream facing ports.
The ISP1520 has four downstream facing ports. If not used, ports 3 and 4 can be
disabled. The vendor ID, product ID and string descriptors on the hub are supplied by
the internal ROM; they can also be supplied by an external I2C-bus™ EEPROM or a
microcontroller.
The ISP1520 IC is suitable for self-powered hub designs.
An analog overcurrent detection circuitry is built into the ISP1520, which can also
accept digital overcurrent signals from external circuits; for example, Micrel MOSFET
switch MIC2026. The circuitry can be configured to trip on a global or an individual
overcurrent condition.
Each port comes with two status indicator LEDs.
Target applications of the ISP1520 are monitor hubs, docking stations for notebooks,
internal USB hub for motherboards, hub for extending Intel® Easy PCs, hub boxes,
and so on.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn