Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISP1520 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. ISP1520
Description  Hi-Speed Universal Serial Bus hub controller
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1520 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1520 Datasheet HTML 1Page - NXP Semiconductors ISP1520 Datasheet HTML 2Page - NXP Semiconductors ISP1520 Datasheet HTML 3Page - NXP Semiconductors ISP1520 Datasheet HTML 4Page - NXP Semiconductors ISP1520 Datasheet HTML 5Page - NXP Semiconductors ISP1520 Datasheet HTML 6Page - NXP Semiconductors ISP1520 Datasheet HTML 7Page - NXP Semiconductors ISP1520 Datasheet HTML 8Page - NXP Semiconductors ISP1520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Philips Semiconductors
ISP1520
Hi-Speed USB hub controller
Product data
Rev. 02 — 04 May 2004
5 of 51
9397 750 11689
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration.
004aaa164
ISP1520BD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
DM4
GND
V
CC2
33
SUSPEND
GND
DM0
DP0
RPU
GND
TEST_HIGH
V
CC1
V
CC4
TEST_HIGH
RREF
GND
GND
DM1
DP1
V
CC2
DM2
GND
XTAL2
XTAL1
DP3
DM3
GND
GND
V
CC1
TEST_HIGH
DP2
V
CC4
DP4
Table 2:
Pin description[1]
Symbol[2]
Pin
Type
Description
SUSPEND
1
O
suspend indicator output; HIGH indicates that the hub is in
the suspend mode
GND
2
-
ground supply
DM0
3
AI/O
upstream facing port D
− connection (analog)
DP0
4
AI/O
upstream facing port D+ connection (analog)
RPU
5
AI
pull-up resistor connection; connect this pin through a
resistor of 1.5 k
Ω± 5 % to 3.3 V
GND
6
-
ground supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn