Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3245LTI-163T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C3245LTI-163T
Description  Programmable System-on-Chip (PSoC짰)
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3245LTI-163T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C3245LTI-163T Datasheet HTML 5Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 6Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 7Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 8Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 9Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 10Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 11Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 12Page - Cypress Semiconductor CY8C3245LTI-163T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
PSoC® 3: CY8C32 Family Data Sheet
Document Number: 001-56955 Rev. *Y
Page 9 of 128
Figure 2-6. 100-pin TQFP Part Pinout
Table 2-1. VDDIO and Port Pin Associations
VDDIO
Port Pins
VDDIO0
P0[7:0], P4[7:0], P12[3:2]
VDDIO1
P1[7:0], P5[7:0], P12[7:6]
VDDIO2
P2[7:0], P6[7:0], P12[5:4], P15[5:4]
VDDIO3
P3[7:0], P12[1:0], P15[3:0]
VDDD
P15[7:6] (USB D+, D-)
TQFP
(GPIO) P2[5]
(GPIO) P2[6]
(GPIO) P2[7]
(I2C0: SCL, SIO) P12[4]
(I2C0: SDA, SIO) P12[5]
(GPIO) P6[4]
(GPIO) P6[5]
(GPIO) P6[6]
(GPIO) P6[7]
VSSB
IND
VBOOST
VBAT
VSSD
XRES
(GPIO) P5[0]
(GPIO) P5[1]
(GPIO) P5[2]
(GPIO) P5[3]
(TMS, SWDIO, GPIO) P1[0]
(TCK, SWDCK, GPIO) P1[1]
(Configurable XRES, GPIO) P1[2]
(TDO, SWV, GPIO) P1[3]
(TDI, GPIO) P1[4]
(NTRST, GPIO) P1[5]
VDDIO0
P0[3] (GPIO,EXTREF0)
P0[2] (GPIO)
P0[1] (GPIO)
P0[0] (GPIO)
P4[1] (GPIO)
P4[0] (GPIO)
P12[3] (SIO)
P12[2] (SIO)
VSSD
VDDA
VSSA
VCCA
NC
NC
NC
NC
NC
NC
P15[3] (GPIO, KHZ XTAL: XI)
P15[2] (GPIO, KHZ XTAL: XO)
P12[1] (SIO, I2C1: SDA)
P12[0] (SIO, I2C1: SCL)
P3[7] (GPIO)
P3[6] (GPIO)
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
Lines show VDDIO
to I/O supply
association
Note
9. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.


Similar Part No. - CY8C3245LTI-163T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
3Mb / 119P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
4Mb / 122P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3245LTI-163T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com