Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3244LTI-123T Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C3244LTI-123T
Description  Programmable System-on-Chip (PSoC짰)
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3244LTI-123T Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C3244LTI-123T Datasheet HTML 7Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 8Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 9Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 10Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 11Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 12Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 13Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 14Page - Cypress Semiconductor CY8C3244LTI-123T Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
PSoC® 3: CY8C32 Family Data Sheet
Document Number: 001-56955 Rev. *Y
Page 11 of 128
Figure 2-7. Example Schematic for 100-pin TQFP Part with Power Connections
Note
The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended,
as shown in Figure 2-8 on page 12.
For more information on pad layout, refer to http://www.cypress.com/cad-resources/psoc-3-cad-libraries.
VSSD
VDDA
VCCA
VSSD
VSSA
VSSA
VSSD
VSSD
VSSD
VSSD
0.1uF
C8
VSSD
VDDD
VDDD
VDDD
VDDD
VDDD
VSSD
1uF
C9
0.1uF
C10
0.1uF
C11
0.1uF
C16
0.1uF
C12
0.1uF
C6
0.1uF
C2
1uF
C15
1uF
C1
VSSD
VDDD
VSSD
VDDA
VCCD
1uF
C17
VSSB
10
IND
11
VBOOST
12
VBAT
13
VSSD
14
XRES
15
VCCA
63
VSSA
64
VDDA
65
VSSD
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2OUT, P0[0]
71
OA0OUT, P0[1]
72
OA0+, P0[2]
73
OA0-, REF0, P0[3]
74
VDDIO0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWIO, TMS
20
P1[1], SWDIO, TCK
21
P1[2]
22
P1[3], SWV, TDO
23
P1[4], TDI
24
P1[5], NTRST
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1OUT, P3[6]
51
OA3OUT, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
KHZXOUT, P15[2]
55
KHZXIN, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
VDDA
VSSA


Similar Part No. - CY8C3244LTI-123T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3244LTI-123 CYPRESS-CY8C3244LTI-123 Datasheet
3Mb / 119P
   Programmable System-on-Chip (PSoC짰)
CY8C3244LTI-123 CYPRESS-CY8C3244LTI-123 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3244LTI-123 CYPRESS-CY8C3244LTI-123 Datasheet
4Mb / 122P
   Programmable System-on-Chip (PSoC짰)
CY8C3244LTI-123 CYPRESS-CY8C3244LTI-123 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3244LTI-123T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com