Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC112DE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC112DE4
Description  DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC112DE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC112DE4 Datasheet HTML 1Page - Texas Instruments SN74HC112DE4 Datasheet HTML 2Page - Texas Instruments SN74HC112DE4 Datasheet HTML 3Page - Texas Instruments SN74HC112DE4 Datasheet HTML 4Page - Texas Instruments SN74HC112DE4 Datasheet HTML 5Page - Texas Instruments SN74HC112DE4 Datasheet HTML 6Page - Texas Instruments SN74HC112DE4 Datasheet HTML 7Page - Texas Instruments SN74HC112DE4 Datasheet HTML 8Page - Texas Instruments SN74HC112DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC112, SN74HC112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCLS099F − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 40-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
The ’HC112 devices contain two independent J-K
negative-edge-triggered flip-flops. A low level at
the preset (PRE) or clear (CLR) inputs sets or
resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive
(high), data at the J and K inputs meeting the
setup time requirements are transferred to the
outputs on the negative-going edge of the clock
(CLK) pulse. Clock triggering occurs at a voltage
level and is not directly related to the fall time of the
CLK pulse. Following the hold-time interval, data
at the J and K inputs may be changed without
affecting the levels at the outputs. These versatile
flip-flops perform as toggle flip-flops by tying J and
K high.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC112N
SN74HC112N
−40
°C to 85°C
Tube of 40
SN74HC112D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC112DR
HC112
SOIC − D
Reel of 250
SN74HC112DT
HC112
CDIP − J
Tube of 25
SNJ54HC112J
SNJ54HC112J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC112W
SNJ54HC112W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC112FK
SNJ54HC112FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2CLR
2CLK
NC
2K
2J
1J
1PRE
NC
1Q
1Q
SN54HC112 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLK
1K
1J
1PRE
1Q
1Q
2Q
GND
VCC
1CLR
2CLR
2CLK
2K
2J
2PRE
2Q
SN54HC112 ...J OR W PACKAGE
SN74HC112 ...D OR N PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC112DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC112D TI-SN74HC112D Datasheet
445Kb / 14P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC112D TI-SN74HC112D Datasheet
430Kb / 13P
[Old version datasheet]   DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC112DR TI-SN74HC112DR Datasheet
430Kb / 13P
[Old version datasheet]   DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC112DT TI-SN74HC112DT Datasheet
430Kb / 13P
[Old version datasheet]   DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SN74HC112DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
logo
Texas Instruments
SN54ALS112A TI-SN54ALS112A Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
CD54AC112 TI-CD54AC112_06 Datasheet
336Kb / 11P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112 Datasheet
331Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112 TI-SN54HC112 Datasheet
445Kb / 14P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS112A TI1-SN54ALS112A_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com