Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC132NS Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC132NS
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC132NS Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC132NS Datasheet HTML 1Page - Texas Instruments SN74HC132NS Datasheet HTML 2Page - Texas Instruments SN74HC132NS Datasheet HTML 3Page - Texas Instruments SN74HC132NS Datasheet HTML 4Page - Texas Instruments SN74HC132NS Datasheet HTML 5Page - Texas Instruments SN74HC132NS Datasheet HTML 6Page - Texas Instruments SN74HC132NS Datasheet HTML 7Page - Texas Instruments SN74HC132NS Datasheet HTML 8Page - Texas Instruments SN74HC132NS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Not to scale
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
Not to scale
1
1A
14
VCC
2
1B
13
4B
3
1Y
12
4A
4
2A
11
4Y
5
2B
10
3B
6
2Y
9
3A
7
GND
8
3Y
3
SN54HC132
SN74HC132
www.ti.com
SCLS034G – DECEMBER 1982 – REVISED JUNE 2016
Product Folder Links: SN54HC132 SN74HC132
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, N, NS, J, W, or PW Package
14-Pin SOIC, SSOP, PDIP, SO, or TSSOP
Top View
FK Package
20-Pin LCCC
Top View
(1)
NC – no connection
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
PDIP, SO,
TSSOP
LCCC
1A
1
2
I
1A Input
1B
2
3
I
1B Input
1Y
3
4
O
1Y Output
2A
4
6
I
2A Input
2B
5
8
I
2B Input
2Y
6
9
O
2Y Output
3A
9
13
I
3A Input
3B
10
14
I
3B Input
3Y
8
12
O
3Y Output
4A
12
18
I
4A Input
4B
13
19
I
4B Input
4Y
11
16
O
4Y Output
GND
7
10
Ground Pin
NC
1, 5, 7, 11, 15,
17
No Connection
VCC
14
20
Power Pin


Similar Part No. - SN74HC132NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC132NSR TI-SN74HC132NSR Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC132NSRE4 TI-SN74HC132NSRE4 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74HC132NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com