Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC132W Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54HC132W
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC132W Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54HC132W Datasheet HTML 4Page - Texas Instruments SN54HC132W Datasheet HTML 5Page - Texas Instruments SN54HC132W Datasheet HTML 6Page - Texas Instruments SN54HC132W Datasheet HTML 7Page - Texas Instruments SN54HC132W Datasheet HTML 8Page - Texas Instruments SN54HC132W Datasheet HTML 9Page - Texas Instruments SN54HC132W Datasheet HTML 10Page - Texas Instruments SN54HC132W Datasheet HTML 11Page - Texas Instruments SN54HC132W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
A
B
Y
8
SN54HC132
SN74HC132
SCLS034G – DECEMBER 1982 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN54HC132 SN74HC132
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC132 is a quadruple 2-input positive-NAND gate with low drive that produces slow rise and fall times.
This reduces ringing on the output signal.
Each circuit functions as a NAND gate, but because of the Schmitt action, it has different input threshold levels
for positive- and negative-going signals.
These circuits are temperature compensated and can be triggered from the slowest of input ramps and still give
clean, jitter-free output signals.
8.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
8.3 Feature Description
The SNx4HC132 has a wide operating range of 2 V to 6 V. The SNx4HC132 also has a low power consumption
where the maximum ICC is 20 µA.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SNx4HC132.
Table 1. Function Table (Each Gate)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H


Similar Part No. - SN54HC132W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI1-SN54HC132 Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN54HC132 TI1-SN54HC132 Datasheet
812Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN54HC132J TI-SN54HC132J Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN54HC132W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com