Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC132 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC132
Description  Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC132 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC132 Datasheet HTML 1Page - Texas Instruments SN54HC132 Datasheet HTML 2Page - Texas Instruments SN54HC132 Datasheet HTML 3Page - Texas Instruments SN54HC132 Datasheet HTML 4Page - Texas Instruments SN54HC132 Datasheet HTML 5Page - Texas Instruments SN54HC132 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54HC132-DIE
www.ti.com
SCLS750 – APRIL 2014
Bond Pad Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
1A
1
179.1
568.8
279.9
669.6
1B
2
179.1
262.8
279.9
363.6
1Y
3
534.6
171.9
635.4
272.7
2A
4
821.25
175.5
922.05
276.3
2B
5
1127.25
175.5
1228.05
276.3
2Y
6
1280.7
388.8
1381.5
489.6
GND
7
1282.95
741.6
1383.75
842.4
3Y
8
1280.7
994.5
1381.5
1095.3
3A
9
1170.45
1191.6
1271.25
1292.4
3B
10
948.15
1191.6
1048.95
1292.4
4Y
11
598.95
1195.2
699.75
1296
4A
12
172.8
1191.6
273.6
1292.4
4B
13
179.1
1042.2
279.9
1143
VCC
14
179.1
762.3
279.9
863.1
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - SN54HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI1-SN54HC132 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC132 TI1-SN54HC132 Datasheet
812Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN54HC132-SP TI1-SN54HC132-SP Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC132FK TI1-SN54HC132FK Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
More results

Similar Description - SN54HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com