Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1819C Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1819C
Description  5V and 3.3V MicroMonitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1819C Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1819C Datasheet HTML 1Page - Dallas Semiconductor DS1819C Datasheet HTML 2Page - Dallas Semiconductor DS1819C Datasheet HTML 3Page - Dallas Semiconductor DS1819C Datasheet HTML 4Page - Dallas Semiconductor DS1819C Datasheet HTML 5Page - Dallas Semiconductor DS1819C Datasheet HTML 6Page - Dallas Semiconductor DS1819C Datasheet HTML 7Page - Dallas Semiconductor DS1819C Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1814/DS1819
6 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC + 0.5V
Operating Temperature Range
-40
°C to +85°C
Storage Temperature Range
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
1.0
5.5
V
1
ST
and PBRST Input High Level
VIH
0.8 VCC
V1
ST
and PBRST Input Low Level
VIL
0.3 VCC
V1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
VCC Trip Point DS1814-5
VCCTP
4.50
4.75
V
1
VCC Trip Point DS1814-10
VCCTP
4.25
4.50
V
1
VCC Trip Point DS1819-5
VCCTP
3.00
3.15
V
1
VCC Trip Point DS1819-10
VCCTP
2.85
3.00
V
1
VCC Trip Point DS1819-20
VCCTP
2.55
2.70
V
1
Reset Trip Point Hysteresis (DS1814)
VRH
10
mV
Reset Trip Point Hysteresis (DS1819)
VRH
5mV
Output Current @ 2.4V
IOH
350
mA
3
Output Current @ 0.4V
IOL
3.2
6
mA
3
Output Voltage @ -30
mA
VOH
VCC*.8
VCC*.9
V
3
Operating Current DS1814
ICC
10
15
mA
4
Operating Current DS1819
ICC
812
mA
5
ST
Input Current
ST
= VCC, Time Averaged
120
160
mA
6
ST
Input Current
ST
= GND, Time Averaged
-20
-15
mA
6


Similar Part No. - DS1819C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1819 MAXIM-DS1819 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
More results

Similar Description - DS1819C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
   3.3V/2.5V Multisupply MicroMonitor
060303
logo
Dallas Semiconductor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
   3.3V/2.5V Multi-Supply MicroMonitor
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05V MICREL-SY10EP05V Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
   Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
   MICROMONITOR CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com