Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM4356XKUBGT Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # BCM4356XKUBGT
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356XKUBGT Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button BCM4356XKUBGT Datasheet HTML 22Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 23Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 24Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 25Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 26Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 27Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 28Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 29Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 195 page
background image
Wireless Charging
BCM4356 Advance Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
May 8, 2015 • 4356-DS103-R
Page 25
Wireless Charging
The BCM4356 combo IC is designed for paired operation with the BCM59350 wireless power transfer front-end
chip. Working together, the two chips form a power receiver unit (PRU) that is compliant with the Alliance for
Wireless Power specification (A4WP). High-level functional block diagram for wireless charging is provided in
Figure 4. The power transmit unit (PTU) resides in the charging pad while the power receive unit is integrated
into the mobile device. The charging process begins as the mobile device is placed onto the charging pad. The
power is transferred from PTU to PRU through the TX and RX coils by means of magnetic induction. The
Bluetooth control link handles communications, i.e., handshaking, between them. PTU is a BLE client, which
gets performance data from the BLE server (PRU) in order to adapt its power to the mobile's need.
Figure 4: High-Level Functional Block Diagram for Wireless Charging
Further details on the PRU are depicted in Figure 5 on page 26. It shows both ICs along with a power switch,
charger, power management IC, and the application processor (system).
Power Receiver Unit (PRU)
BCM59350
WPT
Front End
BCM4356
Bluetooth
Low-Energy (BLE)
WPT
Rx Coil
Resonator
System control i/f
WPT Control
Power Transmit Unit (PTU)
WPT
Transmit
BLE
WPT
Tx Coil
Resonator
Wireless Power
Transfer
USB
Power
Switch
VBUS Detect
Application
Processor
Bluetooth Control
Link
PMU
WPT 1.8/3.3
VBUCK
Charger
Battery
GPIO
System power
BT Antenna
BT Antenna


Similar Part No. - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4356XKUBG CYPRESS-BCM4356XKUBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com