Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM4356XKUBGT Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # BCM4356XKUBGT
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356XKUBGT Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button BCM4356XKUBGT Datasheet HTML 72Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 73Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 74Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 75Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 76Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 77Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 78Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 79Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 195 page
background image
PCI Express Interface
BCM4356 Advance Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
May 8, 2015 • 4356-DS103-R
Page 75
8B/10B Encoder/Decoder
The PCIe core on the BCM4356 uses an 8b/10b encoder/decoder scheme to provide DC balancing,
synchronizing clock and data recovery, and error detection. The transmission code is specified in the ANSI
X3.230-1994, clause 11 and in IEEE 802.3z, 36.2.4.
Using this scheme, 8-bit data characters are treated as 3 bits and 5 bits mapped onto a 4-bit code group and a
6-bit code group, respectively. The control bit in conjunction with the data character is used to identify when to
encode one of the twelve Special Symbols included in the 8b/10b transmission code. These code groups are
concatenated to form a 10-bit symbol, which is then transmitted serially. Special Symbols are used for link
management, frame TLPs, and DLLPs, allowing these packets to be quickly identified and easily distinguished.
Elastic FIFO
An elastic FIFO is implemented in the receiver side to compensate for the differences between the transmit clock
domain and the receive clock domain, with worse case clock frequency specified at 600 ppm tolerance. As a
result, the transmit and receive clocks can shift one clock every 1666 clocks. In addition, the FIFO adaptively
adjusts the elastic level based on the relative frequency difference of the write and read clock. This technique
reduces the elastic FIFO size and the average receiver latency by half.
Electrical Subblock
The high-speed signals utilize the Common Mode Logic (CML) signaling interface with on-chip termination and
de-emphasis for best-in-class signal integrity. A de-emphasis technique is employed to reduce the effects of
Intersymbol Interference (ISI) due to the interconnect by optimizing voltage and timing margins for worst case
channel loss. This results in a maximally open “eye” at the detection point, thereby allowing the receiver to
receive data with acceptable Bit-Error Rate (BER).
To further minimize ISI, multiple bits of the same polarity that are output in succession are de-emphasized.
Subsequent same bits are reduced by a factor of 3.5 dB in power. This amount is specified by PCIe to allow for
maximum interoperability while minimizing the complexity of controlling the de-emphasis values. The high-
speed interface requires AC coupling on the transmit side to eliminate the DC common mode voltage from the
receiver. The range of AC capacitance allowed is 75 nF to 200 nF.
Configuration Space
The PCIe function in the BCM4356 implements the configuration space as defined in the PCI Express Base
Specification v3.0
.


Similar Part No. - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4356XKUBG CYPRESS-BCM4356XKUBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com