Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE8802K Datasheet(PDF) 6 Page - Seaward Electronics Inc.

Part # SE8802K
Description  150mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8802K Datasheet(HTML) 6 Page - Seaward Electronics Inc.

  SE8802K Datasheet HTML 1Page - Seaward Electronics Inc. SE8802K Datasheet HTML 2Page - Seaward Electronics Inc. SE8802K Datasheet HTML 3Page - Seaward Electronics Inc. SE8802K Datasheet HTML 4Page - Seaward Electronics Inc. SE8802K Datasheet HTML 5Page - Seaward Electronics Inc. SE8802K Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
6
9/4/2012
SE8802
150mA Low Dropout Linear Regulator
联系方式:
北京思旺电子技术有限公司–中国总部
地址:中国北京市海淀区信息路 22 号上地科技综合楼 B 座二层
邮编:100085
电话:010-82895700/1/5
传真:010-82895706
Seaward Electronics Corporation – 台湾办事处
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
电话: 886-2-2712-0307
传真: 886-2-2712-0191
Seaward Electronics Incorporated – 北美办事处
1512 Centre Pointe Dr.
Milpitas, CA95035, USA
电话: 1-408-821-6600


Similar Part No. - SE8802K

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801AK SEAWARD-SE8801AK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801BH SEAWARD-SE8801BH Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801BK SEAWARD-SE8801BK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
SE8801CK SEAWARD-SE8801CK Datasheet
469Kb / 7P
   Low Quiescent Current LDO
More results

Similar Description - SE8802K

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com