Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS241C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS241C
Description  OCTAL BUFFERS/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS241C Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS241C Datasheet HTML 1Page - Texas Instruments SN74ALS241C Datasheet HTML 2Page - Texas Instruments SN74ALS241C Datasheet HTML 3Page - Texas Instruments SN74ALS241C Datasheet HTML 4Page - Texas Instruments SN74ALS241C Datasheet HTML 5Page - Texas Instruments SN74ALS241C Datasheet HTML 6Page - Texas Instruments SN74ALS241C Datasheet HTML 7Page - Texas Instruments SN74ALS241C Datasheet HTML 8Page - Texas Instruments SN74ALS241C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ALS241C, SN54AS241A, SN74ALS241C, SN74AS241A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SDAS153E − DECEMBER 1982 − REVISED AUGUST 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS241A
SN74AS241A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
VCC −2
VOH
IOH = − 3 mA
2.4
3.4
2.4
3.4
V
VOH
VCC = 4.5 V
IOH = − 12 mA
2.4
V
VCC = 4.5 V
IOH = − 15 mA
2.4
VOL
VCC = 4.5 V
IOL = 48 mA
0.27
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.31
0.55
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−50
−50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
−1
−1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−50
− 150
−50
− 150
mA
Outputs high
22
35
22
35
ICC
VCC = 5.5 V
Outputs low
61
90
61
90
mA
ICC
VCC = 5.5 V
Outputs disabled
35
56
35
56
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
(INPUT)
(OUTPUT)
SN54AS241A
SN74AS241A
MIN
MAX
MIN
MAX
tPLH
A
Y
2
9
2
6.2
ns
tPHL
A
Y
1
7
1
6.2
ns
tPZH
1OE
Y
1
10
1
9
ns
tPZL
1OE
Y
2
8
2
7.5
ns
tPHZ
1OE
Y
1
6.5
1
6
ns
tPLZ
1OE
Y
1
10.5
1
9
ns
tPZH
2OE
Y
2
11
2
10.5
ns
tPZL
2OE
Y
3
9.5
3
8.5
ns
tPHZ
2OE
Y
1
7
1
7
ns
tPLZ
2OE
Y
2
12
2
12
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS241C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS241C TI-SN74ALS241C Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS241CDW TI-SN74ALS241CDW Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALS241CN TI-SN74ALS241CN Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS241C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com