Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC00NS Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC00NS
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00NS Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC00NS Datasheet HTML 6Page - Texas Instruments SN74HC00NS Datasheet HTML 7Page - Texas Instruments SN74HC00NS Datasheet HTML 8Page - Texas Instruments SN74HC00NS Datasheet HTML 9Page - Texas Instruments SN74HC00NS Datasheet HTML 10Page - Texas Instruments SN74HC00NS Datasheet HTML 11Page - Texas Instruments SN74HC00NS Datasheet HTML 12Page - Texas Instruments SN74HC00NS Datasheet HTML 13Page - Texas Instruments SN74HC00NS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
10
SN54HC00, SN74HC00
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in Recommended
Operating Conditions.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
TI recommends a 0.1-µF bypass capacitor; if there are multiple VCC pins, then TI recommends 0.01-µF or
0.022-µF bypass capacitors for each power pin. It is acceptable to parallel multiple bypass capacitors to reject
different frequencies of noise. A 0.1 µF and a 1 µF are commonly used in parallel. The bypass capacitor must be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs must never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input and gate are used or only 3 of the 4 buffer gates are used. Such input pins must not be left
unconnected because the undefined voltages at the outside connections result in undefined operational states.
Figure 5 specifies the rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally they are tied to GND or
VCC, whichever makes more sense or is more convenient. It is generally acceptable to float outputs, unless the
part is a transceiver.
11.2 Layout Example
Figure 5. Layout Diagram


Similar Part No. - SN74HC00NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC00NS TI-SN74HC00NS Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00NSLE TI-SN74HC00NSLE Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00NSLE TI-SN74HC00NSLE Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00NSR TI-SN74HC00NSR Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00NSR TI-SN74HC00NSR Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HC00NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com