Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F623DWR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F623DWR
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F623DWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F623DWR Datasheet HTML 1Page - Texas Instruments SN74F623DWR Datasheet HTML 2Page - Texas Instruments SN74F623DWR Datasheet HTML 3Page - Texas Instruments SN74F623DWR Datasheet HTML 4Page - Texas Instruments SN74F623DWR Datasheet HTML 5Page - Texas Instruments SN74F623DWR Datasheet HTML 6Page - Texas Instruments SN74F623DWR Datasheet HTML 7Page - Texas Instruments SN74F623DWR Datasheet HTML 8Page - Texas Instruments SN74F623DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54F623, SN74F623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDFS087 – MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F623
SN74F623
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
–1.2
–1.2
V
A1 A8
IOH = – 1 mA
2.5
3.4
2.5
3.4
A1 – A8
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
2.4
3.3
V
VOH
B1 – B8
IOH = – 12 mA
2
3.2
V
IOH = – 15 mA
2
3.1
Any output
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
A1 A8
IOL = 20 mA
0.3
0.5
VOL
A1 – A8
VCC 45 V
IOL = 24 mA
0.35
0.5
V
VOL
B1 B8
VCC = 4.5V
IOL = 48 mA
0.38
0.55
V
B1 – B8
IOL = 64 mA
0.42
0.55
II
A and B ports
VCC 55 V
VI = 5.5 V
1
1
mA
II
OEAB or OEBA
VCC = 5.5V
VI = 7 V
0.1
0.1
mA
I
A and B ports
VCC 55 V
VI 27 V
70
70
μA
IIH‡
OEAB or OEBA
VCC = 5.5V,
VI = 2.7V
20
20
μA
I ‡
A and B ports
VCC 55 V
VI 05 V
–0.65
–0.65
mA
IIL‡
OEAB or OEBA
VCC = 5.5V,
VI = 0.5V
–0.6
–0.6
mA
I
§
A1 – A8
VCC =5 5V
VO =0
–60
– 150
–60
– 150
mA
IOS§
B1 – B8
VCC = 5.5V,
VO = 0
– 100
– 225
– 100
– 225
mA
ICCH
VCC = 5.5 V,
Any output = 4.5 V
110
140
110
140
mA
ICCL
VCC = 5.5 V
OEAB or OEBA = 4.5 V,
A1 – A8 = GND
110
140
110
140
mA
ICCZ
VCC = 5.5 V
OEBA or A1 – A8 = 4.5 V,
OEAB = GND
99
130
99
130
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.


Similar Part No. - SN74F623DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F623DW TI-SN74F623DW Datasheet
76Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F623DWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com