Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC00 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54HC00
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC00 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54HC00_16 Datasheet HTML 5Page - Texas Instruments SN54HC00_16 Datasheet HTML 6Page - Texas Instruments SN54HC00_16 Datasheet HTML 7Page - Texas Instruments SN54HC00_16 Datasheet HTML 8Page - Texas Instruments SN54HC00_16 Datasheet HTML 9Page - Texas Instruments SN54HC00_16 Datasheet HTML 10Page - Texas Instruments SN54HC00_16 Datasheet HTML 11Page - Texas Instruments SN54HC00_16 Datasheet HTML 12Page - Texas Instruments SN54HC00_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
CC (V)
CL=50pF
C002
Q
Q
S
R
Copyright © 2016,
Texas Instruments Incorporated
9
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNx4HC00 is a low-power, wide-operating-voltage NAND gate. This device can drive up to 10 LSTTL loads
and can drive 4-mA outputs at 5-V VCC.
9.2 Typical Application
Figure 3. Typical NAND Gate Application and Supply Voltage
9.2.1 Design Requirements
The SNx4HC00 devices use CMOS technology and have balanced output drive. Take care to avoid bus
contention because it drives currents that would exceed maximum limits. The high drive also creates fast edges
into light loads. Routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
Recommended input conditions:
Specified high and low levels. See VIH and VIL in Recommended Operating Conditions.
Recommended output conditions:
Load currents must not exceed 25 mA per output and 50 mA total for the part.
Outputs must not be pulled above VCC.
9.2.3 Application Curve
Figure 4. Transition Time vs VCC


Similar Part No. - SN54HC00_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
[Old version datasheet]   Quadruple 2-Input Positive-NAND Gate
SN54HC00FK TI-SN54HC00FK Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00J TI-SN54HC00J Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00J TI-SN54HC00J Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00TDF1 TI1-SN54HC00TDF1 Datasheet
81Kb / 6P
[Old version datasheet]   Quadruple 2-Input Positive-NAND Gate
More results

Similar Description - SN54HC00_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com