Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54F74J Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54F74J
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54F74J Datasheet(HTML) 3 Page - Texas Instruments

  SN54F74J Datasheet HTML 1Page - Texas Instruments SN54F74J Datasheet HTML 2Page - Texas Instruments SN54F74J Datasheet HTML 3Page - Texas Instruments SN54F74J Datasheet HTML 4Page - Texas Instruments SN54F74J Datasheet HTML 5Page - Texas Instruments SN54F74J Datasheet HTML 6Page - Texas Instruments SN54F74J Datasheet HTML 7Page - Texas Instruments SN54F74J Datasheet HTML 8Page - Texas Instruments SN54F74J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54F74, SN74F74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SDFS046A – MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54F74
SN74F74
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F74
SN74F74
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
Data, CLK
VCC =5 5V
VI =0 5V
– 0.6
– 0.6
mA
IIL
PRE or CLR
VCC = 5.5 V,
VI = 0.5 V
– 1.8
– 1.8
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICC
VCC = 5.5 V,
See Note 2
10.5
16
10.5
16
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with D, CLK, and PRE grounded then with D, CLK, and CLR grounded.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54F74
SN74F74
UNIT
′F74
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
80
0
100
MHz
t
Pulse duration
CLK high, PRE or CLR low
4
4
4
ns
tw
Pulse duration
CLK low
5
6
5
ns
Setup time data before CLK
High
2
3
2
tsu
Setup time, data before CLK
Low
3
4
3
ns
su
Setup time, inactive-state before CLK
↑§ PRE or CLR to CLK
2
3
2
th
Hold time data after CLK
High
1
2
1
ns
th
Hold time, data after CLK
Low
1
2
1
ns
§ Inactive-state setup time is also referred to as recovery time.


Similar Part No. - SN54F74J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F74J TI-SN54F74J Datasheet
76Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SN54F74J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com