Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5218DLG-LF Datasheet(PDF) 6 Page - Seaward Electronics Inc.

Part # SE5218DLG-LF
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218DLG-LF Datasheet(HTML) 6 Page - Seaward Electronics Inc.

  SE5218DLG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5218DLG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Revision
4/19/2016
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com • Page 6
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Application Hints
Like any low dropout regulator, SE5218 requires
external capacitors to ensure stability.
The
external capacitors must be carefully selected to
ensure performance.
Thermal Considerations
It is important that the thermal limit of the package
is not exceeded.
The SE5218 has built-in
thermal protection.
When the thermal limit is
exceeded, the IC will enter protection, and VOUT
will be pulled to ground.
The power dissipation
for a given application can be calculated as
following:
The power dissipation (PD) is
PD = IOUT * [VIN – VOUT]
The thermal limit of the package is then limited to
PD(MAX) = [TJ – TA
]/Θ
JA where TJ is the junction
temperature, TA is the ambient temperature, and
Θ
JA
for SOT-23-5L is around 230°C/W
for
SE5218.
SE5218 is designed to enter thermal
protection at 150°C.
For example, if TA is 25°C
then the maximum PD is limited to about 0.6W.
In other words, if IOUT(MAX) = 400mA, then [VIN
VOUT] cannot exceed 1.5V.
Input Capacitor
An input capacitor of at least 1μF is required.
Ceramic or Tantalum can be used.
The value
can be increase without upper limit.
Output Capacitor
An output capacitor is required for stability.
It
must be placed no more than 1 cm away from the
VOUT pin, and connected directly between VOUT
and GND pins. The minimum value is 1μF but
may be increase without limit.


Similar Part No. - SE5218DLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218DLG-LF SEAWARD-SE5218DLG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218DLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com