Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5218ALG-LF Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE5218ALG-LF
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218ALG-LF Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE5218ALG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision
4/19/2016
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com • Page 4
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) =
(TJ(MAX) – TA
)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and
the regulator will go into thermal shutdown.
See “Thermal Consideration” section for details
Note 4: Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing.
Parts are tested
for load regulation in the load range from 10mA to 500mA.
Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Block Diagram


Similar Part No. - SE5218ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218ALG-LF SEAWARD-SE5218ALG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com