Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5120STxx-HF Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5120STxx-HF
Description  1.5A CMOS Ultra LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5120STxx-HF Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5120STxx-HF Datasheet HTML 1Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 2Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 3Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 4Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 5Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 6Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 7Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 8Page - Seaward Electronics Inc. SE5120STxx-HF Datasheet HTML 9Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
1
9/4/2012
SE5120
1.5A CMOS Ultra LDO Voltage Regulator
Typical Application
General Description
The SE5120 series of fixed output ultra low
dropout linear regulators are designed for portable
battery powered applications, which require low
power consumption and low dropout voltage.
Each
device contains a bandgap voltage reference, an error
amplifier, a PMOS power transistor, and current limit
and temperature limit protection circuits.
The SE5120 is designed to work with low cost
electrolytic and ceramic capacitors and requires a
minimum output capacitor of 10μF.
Features
Typical 150mV Dropout Voltage at 500mA.
Output Voltages:0.8V to 3.9V(0.1V Step)
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Ultra-Low Ground Current at 150
μA (Typ.)
Thermal and Over-Current Protection.
Short Circuit Protection
Standard SOT-223 and TO-252 Package.
Applications
USB removable devices
MPEG4 devices
Wireless LAN’s
Hand-Held Instrumentation.
Portable DVD players
Digital camera


Similar Part No. - SE5120STxx-HF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
More results

Similar Description - SE5120STxx-HF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com