Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3550A Datasheet(PDF) 11 Page - Micronas

Part # DAC3550A
Description  DAC 3550A STEREO AUDIO DAC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DAC3550A Datasheet(HTML) 11 Page - Micronas

Back Button DAC3550A Datasheet HTML 7Page - Micronas DAC3550A Datasheet HTML 8Page - Micronas DAC3550A Datasheet HTML 9Page - Micronas DAC3550A Datasheet HTML 10Page - Micronas DAC3550A Datasheet HTML 11Page - Micronas DAC3550A Datasheet HTML 12Page - Micronas DAC3550A Datasheet HTML 13Page - Micronas DAC3550A Datasheet HTML 14Page - Micronas DAC3550A Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DAC 3550A
Micronas
11
16
SDA
IN/OUT
LV
I2C data
17
VSS
IN
X
Digital VSS
18
VDD
IN
X
Digital VDD
19
MCS1
IN
X
I2C Chip Select 1
20
MCS2
IN
X
I2C Chip Select 2
21
DEECTRL
IN
VSS
Deemphasis on/off Control
22
NC
LV
Not connected
23
CLI
VSS
I2S Bit Clock
24
DAI
IN
VSS
I2S Data
25
WSI
IN
VSS
I2S Frame Identification
26
PORQ
IN
VDD
Power-On Reset, active-low
27
TESTEN
IN
X
Test Enable
28
NC
LV
Not connected
29
AUX2L
IN
LV
AUX2 left input for external analog signals (e.g. tape)
30
AUX2R
IN
LV
AUX2 right input for external analog signals (e.g. tape)
31
AUX1L
IN
LV
AUX1 left input for external analog signals (e.g. FM)
32
AUX1R
IN
LV
AUX1 right input for external analog signals (e.g. FM)
33
NC
LV
Not connected
34
DEEML
OUT
LV
Deemphasis Network Left
35
DEEMR
OUT
LV
Deemphasis Network Right
36
NC
LV
Not connected
37
FOUTL
OUT
X
Output to left external filter
38
FOPL
IN/OUT
X
Filter op amp inverting input, left
39
FINL
IN/OUT
X
Input for FOUTL or
filter op amp output (line out)
40
NC
LV
Not connected
41
FOUTR
OUT
X
Output to right external filter
42
FOPR
IN/OUT
X
Right Filter op amp inverting input
43
FINR
IN/OUT
X
Input for FOUTR or
filter op amp output (line out)
44
VREF
IN
X
Analog reference Ground
Pin
No.
Pin Name
Type
Connection
(if not used)
Short Description


Similar Part No. - DAC3550A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results

Similar Description - DAC3550A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
[Old version datasheet]   Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
[Old version datasheet]   Audio Stereo DAC
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
   Stereo Audio DAC
logo
Winbond
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com