Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C265-25PC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C265-25PC
Description  8K x 8 Registered PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C265-25PC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C265-25PC Datasheet HTML 1Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 2Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 3Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 4Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 5Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 6Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 7Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 8Page - Cypress Semiconductor CY7C265-25PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C265
Document #: 38-04012 Rev. *A
Page 4 of 11
AC Test Loads and Waveforms
R2 333
(403
Ω MIL)
3.0V
5V
OUTPUT
R1 500
(658
Ω MIL)
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 5ns
≤ 5 ns
5V
OUTPUT
5pF
INCLUDING
JIG AND
SCOPE
(a) Normal Load
(b) High Z Load
OUTPUT
RTH 200Ω
5V
OUTPUT
5V
OUTPUT
R1 250
30 pF
INCLUDING
JIG AND
SCOPE
5pF
INCLUDING
JIG AND
SCOPE
(c) Normal Load
(d) High Z Load
OUTPUT
2.0V
RTH 100Ω
R1 250
R1 500
(658
Ω MIL)
R2 333
(403
Ω MIL)
R2 167
R2 167
250
Ω MIL
Equivalent to:
THÉVENIN EQUIVALENT
Equivalent to:
THÉVENIN EQUIVALENT
Test Load for -15 through -25 speeds
Test Load for -40 through -50 speeds
Switching Characteristics Over the Operating Range[2, 4]
7C265-15
7C265-25
7C265-40
7C265-50
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAS
Address Set-Up to Clock
15
25
40
50
ns
tHA
Address Hold from Clock
0
0
0
0
ns
tCO
Clock to Output Valid
12
15
20
25
ns
tPWC
Clock Pulse Width
12
15
15
20
ns
tSES
ES Set-Up to Clock
(Sync. Enable Only)
12
15
15
15
ns
tHES
ES Hold from Clock
5
5
5
5
ns
tDI
INIT to Output Valid
15
18
25
35
ns
tRI
INIT Recovery to Clock
12
15
20
25
ns
tPWI
INIT Pulse Width
12
15
25
35
ns
tCOS
Output Valid from Clock
(Sync. Mode)
12
15
20
25
ns
tHZC
Output Inactive from Clock
(Sync. Mode)
12
15
20
25
ns
tDOE
Output Valid from E LOW
(Async. Mode)
12
15
20
25
ns
tHZE
Output Inactive from E HIGH
(Async. Mode)
12
15
20
25
ns


Similar Part No. - CY7C265-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265-25WC CYPRESS-CY7C265-25WC Datasheet
591Kb / 13P
   8K x 8 Registered PROM
More results

Similar Description - CY7C265-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com