Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54BCT240 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54BCT240
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54BCT240 Datasheet(HTML) 4 Page - Texas Instruments

  SN54BCT240 Datasheet HTML 1Page - Texas Instruments SN54BCT240 Datasheet HTML 2Page - Texas Instruments SN54BCT240 Datasheet HTML 3Page - Texas Instruments SN54BCT240 Datasheet HTML 4Page - Texas Instruments SN54BCT240 Datasheet HTML 5Page - Texas Instruments SN54BCT240 Datasheet HTML 6Page - Texas Instruments SN54BCT240 Datasheet HTML 7Page - Texas Instruments SN54BCT240 Datasheet HTML 8Page - Texas Instruments SN54BCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN54BCT240, SN74BCT240
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS004F – OCTOBER 1987 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT240
SN74BCT240
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
IOH = –3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = –12 mA
2
3.2
V
IOH = –15 mA
2
3.1
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–1
–1
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
IOS‡
VCC = 5.5 V,
VO = 0
–100
–225
–100
–225
mA
ICCH
VCC = 5.5 V,
Outputs open
19
31
19
31
mA
ICCL
VCC = 5.5 V,
Outputs open
46
71
46
71
mA
ICCZ
VCC = 5.5 V,
Outputs open
6
9
6
9
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
11
11
pF
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX§
UNIT
’BCT240
SN54BCT240
SN74BCT240
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
0.5
3.3
4.8
0.5
6.4
0.5
5.6
ns
tPHL
A
Y
0.4
1.8
3.5
0.4
4.5
0.4
4
ns
tPZH
OE
Y
1
6.4
7.9
1
9.2
1
8.8
ns
tPZL
OE
Y
1
7.5
9.4
1
10.8
1
10.5
ns
tPHZ
OE
Y
1
6
6.8
1
8.5
1
8.1
ns
tPLZ
OE
Y
1
6.7
8.1
1
10.6
1
9.5
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54BCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT240 TI-SN54BCT240 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT240FK TI-SN54BCT240FK Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT240J TI-SN54BCT240J Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT240W TI-SN54BCT240W Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com