Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9681801Q2A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9681801Q2A
Description  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9681801Q2A Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9681801Q2A Datasheet HTML 3Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 4Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 5Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 6Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 7Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 8Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 9Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 10Page - Texas Instruments 5962-9681801Q2A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SN54AHC245, SN74AHC245
www.ti.com
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
7.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54AHC245
SN74AHC245
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
4(1)
5.5(1)
1(1)
6.5(1)
1
6.5
A or B
B or A
CL = 15 pF
ns
tPHL
4(1)
5.5(1)
1(1)
6.5(1)
1
6.5
tPZH
5.8(1)
8.5(1)
1(1)
10(1)
1
10
OE
A or B
CL = 15 pF
ns
tPZL
5.8(1)
8.5(1)
1(1)
10(1)
1
10
tPHZ
5.6(1)
7.8(1)
1(1)
9.2(1)
1
9.2
OE
A or B
CL = 15 pF
ns
tPLZ
5.6(1)
7.8(1)
1(1)
9.2(1)
1
9.2
tPLH
5.5
7.5
1
8.5
1
8.5
A or B
B or A
CL = 50 pF
ns
tPHL
5.5
7.5
1
8.5
1
8.5
tPZH
7.3
10.6
1
12
1
12
OE
A or B
CL = 50 pF
ns
tPZL
7.3
10.6
1
12
1
12
tPHZ
7
9.7
1
11
1
11
OE
A or B
CL = 50 pF
ns
tPLZ
7
9.7
1
11
1
11
tsk(o)
CL = 50 pF
1(2)
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.8 Noise Characteristics
(1)
VCC = 5 V, CL = 50 pF, TA = 25°C
SN74AHC245
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.9
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.9
V
VOH(V)
Quiet output, minimum dynamic VOH
4.3
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
7.9 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
f = 1 MHz
14
pF
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHC245 SN74AHC245


Similar Part No. - 5962-9681801Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9681801Q2A TI-5962-9681801Q2A Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9681801Q2A TI-5962-9681801Q2A Datasheet
755Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9681801Q2A TI-5962-9681801Q2A Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
5962-9681801Q2A TI-5962-9681801Q2A Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
5962-9681801Q2A TI-5962-9681801Q2A Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

Similar Description - 5962-9681801Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com