Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNx4AHC245 Datasheet(PDF) 9 Page - Texas Instruments

Part # SNx4AHC245
Description  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNx4AHC245 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNx4AHC245 Datasheet HTML 5Page - Texas Instruments SNx4AHC245 Datasheet HTML 6Page - Texas Instruments SNx4AHC245 Datasheet HTML 7Page - Texas Instruments SNx4AHC245 Datasheet HTML 8Page - Texas Instruments SNx4AHC245 Datasheet HTML 9Page - Texas Instruments SNx4AHC245 Datasheet HTML 10Page - Texas Instruments SNx4AHC245 Datasheet HTML 11Page - Texas Instruments SNx4AHC245 Datasheet HTML 12Page - Texas Instruments SNx4AHC245 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH – 0.3 V
SN54AHC245, SN74AHC245
www.ti.com
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
8 Parameter Measurement Information
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54AHC245 SN74AHC245


Similar Part No. - SNx4AHC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNX4AHC245 TI-SNX4AHC245 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SNX4AHC245 TI-SNX4AHC245 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SNX4AHC245 TI-SNX4AHC245 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

Similar Description - SNx4AHC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com