Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9088901MDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9088901MDA
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9088901MDA Datasheet(HTML) 3 Page - Texas Instruments

  5962-9088901MDA Datasheet HTML 1Page - Texas Instruments 5962-9088901MDA Datasheet HTML 2Page - Texas Instruments 5962-9088901MDA Datasheet HTML 3Page - Texas Instruments 5962-9088901MDA Datasheet HTML 4Page - Texas Instruments 5962-9088901MDA Datasheet HTML 5Page - Texas Instruments 5962-9088901MDA Datasheet HTML 6Page - Texas Instruments 5962-9088901MDA Datasheet HTML 7Page - Texas Instruments 5962-9088901MDA Datasheet HTML 8Page - Texas Instruments 5962-9088901MDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN54BCT126A, SN74BCT126A
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS252A – SEPTEMBER 1988 – REVISED APRIL 1994
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT126A
SN74BCT126A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = – 12 mA
2
3.2
V
IOH = – 15 mA
2
3.1
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 0,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
35
25
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–20
–20
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
IOS‡
VCC = 5.5 V,
VO = 0
– 100
– 225
– 100
– 225
mA
ICCH
VCC = 5.5 V,
Outputs open
21
33
21
33
mA
ICCL
VCC = 5.5 V,
Outputs open
35
51
35
51
mA
ICCZ
VCC = 5.5 V,
Outputs open
5
10
5
10
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
4
4
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
9
9
pF
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX§
UNIT
′BCT126A
SN54BCT126A
SN74BCT126A
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1.5
3.6
4.9
1.5
5.6
1.5
6.3
ns
tPHL
A
Y
2.7
5.3
6.9
2.7
7.7
2.7
7.4
ns
tPZH
OE
Y
2.6
4.8
6.4
2.6
7.2
2.6
7.9
ns
tPZL
OE
Y
3.7
6.4
8.3
3.7
10.5
3.7
10
ns
tPHZ
OE
Y
3.2
6.6
8.2
3.2
9.6
3.2
10
ns
tPLZ
OE
Y
3.4
6.5
8
3.4
12.3
3.4
10.7
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - 5962-9088901MDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9088101M2A TI-5962-9088101M2A Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI-5962-9088101MPA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
5962-9088101MPA TI1-5962-9088101MPA Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9088901MDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com