Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC245 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC245
Description  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC245 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHC245 Datasheet HTML 7Page - Texas Instruments SN74AHC245 Datasheet HTML 8Page - Texas Instruments SN74AHC245 Datasheet HTML 9Page - Texas Instruments SN74AHC245 Datasheet HTML 10Page - Texas Instruments SN74AHC245 Datasheet HTML 11Page - Texas Instruments SN74AHC245 Datasheet HTML 12Page - Texas Instruments SN74AHC245 Datasheet HTML 13Page - Texas Instruments SN74AHC245 Datasheet HTML 14Page - Texas Instruments SN74AHC245 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5 V LEDs, Relays,
or other system boards
OE
V
GND
A1
A8
B1
B8
Regulated 5 V
3.3 V µC
CC
DIR
or other system
boards
5 V LEDs, Relays,
or other system boards
OE
V
GND
A1
A8
B1
B8
Regulated 5 V or 3.3 V
µC
CC
DIR
5 V LEDs, Relays,
or other system
boards
µC
SN54AHC245, SN74AHC245
www.ti.com
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
10 Application and Implementation
10.1 Application Information
The SNx4AHC245A is a low-drive CMOS device that can be used for a multitude of bus interface type
applications where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and
undershoot on the outputs. The inputs can accept voltages to 5.5 V at any valid VCC making it ideal for down
translation.
10.2 Typical Application
Figure 4. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. Outputs can be combined to
produce higher drive but the high drive will also create faster edges into light loads, so routing and load
conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed 25 mA per output and 75 mA total for the part.
Outputs should not be pulled above VCC.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54AHC245 SN74AHC245


Similar Part No. - SN74AHC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC245 TI-SN74AHC245 Datasheet
573Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
395Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
755Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AHC245 TI-SN74AHC245 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74AHC245 TI-SN74AHC245 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC245-Q1 Automotive Octal Bus Transceivers With 3-State Outputs
REVISED NOVEMBER 2022
More results

Similar Description - SN74AHC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com