Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AHC32DE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AHC32DE4
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32DE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC32DE4 Datasheet HTML 1Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 2Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 3Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 4Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 5Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 6Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 7Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 8Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
A
B
Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
OR PW PACKAGE
(TOP VIEW)
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AHC32 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74AHC32 . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
SN54AHC32 . . . J OR W PACKAGE
SN74AHC32 . . . D, DB, DGV, N, NS,
SN54AHC32
SN74AHC32
www.ti.com
SCLS247I – OCTOBER 1995 – REVISED JUNE 2013
QUADRUPLE 2-INPUT POSITIVE-OR GATES
Check for Samples: SN54AHC32, SN74AHC32
1
FEATURES
Operating Range 2-V to 5.5-V VCC
ESD Protection Exceeds JESD 22
Latch-Up Performance Exceeds 250 mA Per
2000-V Human-Body Model (A114-A)
JESD 17
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
DESCRIPTION
The ’AHC32 devices are quadruple 2-input positive-OR gates. These devices perform the Boolean function Y =
A • B or Y = A + B in positive logic.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
H
H
L
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn