Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AHC32DE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AHC32DE4
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32DE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC32DE4 Datasheet HTML 1Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 2Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 3Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 4Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 5Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 6Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 7Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 8Page - Texas Instruments SN74AHC32DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN54AHC32
SN74AHC32
www.ti.com
SCLS247I – OCTOBER 1995 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
Recommended
PARAMETER
TEST CONDITIONS
VCC
UNIT
SN54AHC32
SN74AHC32
SN74AHC32
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
1.9
IOH = –50 µA
3 V
2.9
3
2.9
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
4.4
V
IOH = –4 mA
3 V
2.58
2.48
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
3.8
2 V
0.1
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
0.1
V
IOH = 4 mA
3 V
0.36
0.5
0.44
0.5
IOH = 8 mA
4.5 V
0.36
0.5
0.44
0.5
0 V to 5.5
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
±1
µA
V
VI = VCC or
ICC
IO = 0
5.5 V
2
20
20
20
µA
GND,
Ci
VI = VCC or GND
5 V
2
10
10
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHC32
SN74AHC32
SN74AHC32
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
5.5(1)
7.9(1)
1(1)
9.5(1)
1
9.5
1
9.5
A or B
Y
CL = 15 pF
ns
tPHL
5.5(1)
7.9(1)
1(1)
9.5(1)
1
9.5
1
9.5
tPLH
8
11.4
1
13
1
13
1
13
A or B
Y
CL = 50 pF
ns
tPHL
8
11.4
1
13
1
13
1
13
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHC32
SN74AHC32
SN74AHC32
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.8(1)
5.5(1)
1(1)
6.5(1)
1
6.5
1
6.5
A or B
Y
CL = 15 pF
ns
tPHL
3.8(1)
5.5(1)
1(1)
6.5(1)
1
6.5
1
6.5
tPLH
5.3
7.5
1
8.5
1
8.5
1
8.5
A or B
Y
CL = 50 pF
ns
tPHL
5.3
7.5
1
8.5
1
8.5
1
8.5
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHC32 SN74AHC32


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn