Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FA3647 Datasheet(PDF) 6 Page - Fuji Electric

Part No. FA3647
Description  PWM control IC with light load power saving function For Switching Power Supply Control
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

FA3647 Datasheet(HTML) 6 Page - Fuji Electric

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
FA3641P(N), FA3647P(N)
63
Supply current (Icc) vs. supply voltage (Vcc)
Supply current (Icc) vs. supply voltage (Vcc)
Latch mode
Latch mode
Supply current (Icc) vs. supply voltage (Vcc)
Supply current (Icc) vs. supply voltage (Vcc)
OFF mode
OFF mode
UVLO OFF-to-ON thrreshold voltage (Vcc on) vs.
UVLO ON-to-OFF thrreshold voltage (Vcc off) vs.
junction temperature (Tj)
junction temperature (Tj)
12
10
14
16
40
80
120
160
200
0
Vcc [V]
18
20
15
10
20
25
500
1000
1500
2000
2500
0
Vcc [V]
30
3000
12
10
14
16
40
80
120
160
200
0
Vcc [V]
18
20
15
10
20
25
500
1000
1500
2000
2500
0
Vcc [V]
30
3000
0
–50
50
100
16.2
16.4
16.6
16.8
1.7
16
Tj [
°C]
150
0
–50
50
100
8.9
9
9.1
9.2
8.8
Tj [
°C]
150


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn