Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS286 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS286
Description  9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS286 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS286 Datasheet HTML 1Page - Texas Instruments SN54AS286 Datasheet HTML 2Page - Texas Instruments SN54AS286 Datasheet HTML 3Page - Texas Instruments SN54AS286 Datasheet HTML 4Page - Texas Instruments SN54AS286 Datasheet HTML 5Page - Texas Instruments SN54AS286 Datasheet HTML 6Page - Texas Instruments SN54AS286 Datasheet HTML 7Page - Texas Instruments SN54AS286 Datasheet HTML 8Page - Texas Instruments SN54AS286 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54AS286, SN74AS286
9BIT PARITY GENERATORS/CHECKERS
WITH BUSDRIVER PARITY I/O PORT
SDAS050B − DECEMBER 1983 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Generate Either Odd or Even Parity for
Nine Data Lines
Cascadable for n-Bit Parity
Direct Bus Connection for Parity
Generation or Checking by Using the
Parity I/O Port
Glitch-Free Bus During Power Up/Down
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
The SN54AS286 and SN74AS286 universal 9-bit
parity generators/checkers feature a local output
for parity checking and a 48-mA bus-driving
parity
input/output
(I/O)
port
for
parity
generation/checking. The word-length capability
is easily expanded by cascading.
The transmit (XMIT) control input is implemented
specifically to accommodate cascading. When
XMIT is low, the parity tree is disabled and
PARITY ERROR remains at a high logic level
regardless of the input levels. When XMIT is high,
the parity tree is enabled. PARITY ERROR
indicates a parity error when either an even
number of inputs ( A −I ) are high and PARITY I/O
is forced to a low logic level, or when an odd
number of inputs are high and PARITY I/O is
forced to a high logic level.
The I/O control circuitry was designed so that the I/O port remains in the high-impedance state during power up
or power down to prevent bus glitches.
The SN54AS286 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74AS286 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
NUMBER OF INPUTS
(A − I) THAT
ARE HIGH
XMIT
PARITY
I/O
PARITY
ERROR
0, 2, 4, 6, 8
l
H
H
1, 3, 5, 7, 9
l
L
H
0, 2, 4, 6, 8
h
h
H
0, 2, 4, 6, 8
h
l
L
1, 3, 5, 7, 9
h
h
L
1, 3, 5, 7, 9
h
l
H
h = high input level
l = low input level
H = high output level
L = low output level
SN54AS286 ...J PACKAGE
SN74AS286 ...D OR N PACKAGE
(TOP VIEW)
SN54AS286 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
E
NC
D
NC
C
XMIT
NC
I
NC
PARITY ERROR
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
G
H
XMIT
I
PARITY ERROR
PARITY I/O
GND
VCC
F
E
D
C
B
A
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS286 TI-SN54AS286 Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
SN54AS286FK TI-SN54AS286FK Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
SN54AS286J TI-SN54AS286J Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
More results

Similar Description - SN54AS286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS286 TI-SN54AS286 Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
logo
Fairchild Semiconductor
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
   9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
logo
Texas Instruments
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com