Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C265-15JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C265-15JC
Description  8K x 8 Registered PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C265-15JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C265-15JC Datasheet HTML 1Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 2Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 3Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 4Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 5Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 6Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 7Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 8Page - Cypress Semiconductor CY7C265-15JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY7C265
Document #: 38-04012 Rev. *A
Page 2 of 11
F
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
DC Program Voltage .....................................................13.0V
UV Exposure ................................................ 7258 Wsec/cm2
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Logic Block Diagram
Pin Configurations
Top View
LCC/PLCC (Opaque Only)
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
24
23
22
21
13
14
25
28
27
26
Top View
DIP/Flatpack
15
7C265
A7
A6
A5
A4
A3
A2
GND
CLK
A1
A0
O0
O1
O2
GND
VCC
A8
A9
A10
A11
A12
E/E S,I
GND
GND
O7
O6
O4
O5
O3
O7
O6
O5
O4
O3
O2
O1
O0
A12
A11
A10
A9
A8
A7
A6
A5
COLUMN
MULTIPLEXER
A4
A3
A2
A1
PROGRAMMABLE
MULTIPLEXER
ADDRESS
DECODER
PROGRAMMABLE
ARRAY
8-BIT
EDGE-
TRIGGERED
REGISTER
CLK
INIT/E/ES
CLK
D
C
O
28
4
5
6
7
8
9
10
32
1
27
13 14
15 16 17
26
25
24
23
22
21
20
11
12
19
O0
18
A0
A1
A3
A2
A10
GND
A11
A12
GND
O7
GND
CLK
E/E S,I
A4 A5 A6 A7VCC A8 A9
O1 O2 GND O 3 O4 O5 O6
A5
A0
ROW
ADDRESS
COLUMN
ADDRESS
Selection Guides
7C265-15
7C265-25
7C265-40
7C265-50
Unit
Minimum Address Set-Up Time
15
25
40
50
ns
Maximum Clock to Output
12
15
20
25
ns
Maximum Operating Current
Com’l
120
120
100
mA
Mil
120
mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
±10%
Military[1]
–55
°C to +125°C
5V
±10%
Notes:
1.
TA is the “instant on” case temperature.


Similar Part No. - CY7C265-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265-15JC CYPRESS-CY7C265-15JC Datasheet
591Kb / 13P
   8K x 8 Registered PROM
More results

Similar Description - CY7C265-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com