Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT60N65X2HV Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT60N65X2HV
Description  X2-Class HiPerFETTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT60N65X2HV Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT60N65X2HV Datasheet HTML 1Page - IXYS Corporation IXFT60N65X2HV Datasheet HTML 2Page - IXYS Corporation IXFT60N65X2HV Datasheet HTML 3Page - IXYS Corporation IXFT60N65X2HV Datasheet HTML 4Page - IXYS Corporation IXFT60N65X2HV Datasheet HTML 5Page - IXYS Corporation IXFT60N65X2HV Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
Fig. 4. RDS(on) Normalized to ID = 30A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 60A
I D = 30A
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
00.5
11.5
22.5
33.5
VDS - Volts
VGS = 10V
9V
6V
7V
8V
5V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
6V
7V
8V
9V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
012
34
56
78
VDS - Volts
VGS = 10V
8V
6V
7V
5V
Fig. 6. Normalized Breakdown & Threshold Voltages
vs. Junction Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ - Degrees Centigrade
BVDSS
VGS(th)
Fig. 5. RDS(on) Normalized to ID = 30A Value vs.
Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
ID - Amperes
VGS = 10V
T J = 125ºC
T J = 25ºC
IXFT60N65X2HV


Similar Part No. - IXFT60N65X2HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT60N20 IXYS-IXFT60N20 Datasheet
94Kb / 2P
   HiPerFET Power MOSFETs
IXFT60N20F IXYS-IXFT60N20F Datasheet
103Kb / 2P
   HiPerRF Power MOSFET F-Class: MegaHertz Switching
IXFT60N25Q IXYS-IXFT60N25Q Datasheet
71Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFT60N50P3 IXYS-IXFT60N50P3 Datasheet
173Kb / 5P
   Polar3 HiperFET Power MOSFET
More results

Similar Description - IXFT60N65X2HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN100N65X2 IXYS-IXFN100N65X2 Datasheet
134Kb / 5P
   X2-Class HiPerFETTM
IXFH60N65X2 IXYS-IXFH60N65X2 Datasheet
156Kb / 5P
   X2-Class HiPerFETTM
IXFK100N65X2 IXYS-IXFK100N65X2 Datasheet
202Kb / 5P
   X2-Class HiPerFETTM
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
   X2-Class HiPerFETTM
IXFH80N65X2 IXYS-IXFH80N65X2 Datasheet
209Kb / 5P
   X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
   X2-Class HiPerFETTM
IXFT80N65X2HV IXYS-IXFT80N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
   X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
   X2-Class HiPerFETTM
IXFH46N65X2 IXYS-IXFH46N65X2 Datasheet
155Kb / 5P
   X2-Class HiPerFETTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com