Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH30N60X Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFH30N60X
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH30N60X Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH30N60X Datasheet HTML 1Page - IXYS Corporation IXFH30N60X Datasheet HTML 2Page - IXYS Corporation IXFH30N60X Datasheet HTML 3Page - IXYS Corporation IXFH30N60X Datasheet HTML 4Page - IXYS Corporation IXFH30N60X Datasheet HTML 5Page - IXYS Corporation IXFH30N60X Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXFT30N60X
IXFQ30N60X
IXFH30N60X
Fig. 1. Output Characteristics @ TJ = 25ºC
0
5
10
15
20
25
30
00.5
1
1.5
22.5
3
3.5
44.5
VDS - Volts
VGS = 10V
9V
6V
5V
7V
8V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
5
10
15
20
25
30
02
468
10
12
VDS - Volts
VGS = 10V
9V
8V
5V
6V
7V
4V
Fig. 4. RDS(on) Normalized to ID = 15A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 30A
I D = 15A
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
8V
6V
7V
9V
Fig. 5. RDS(on) Normalized to ID = 15A Value vs.
Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10203040506070
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Normalized Breakdown & Threshold Voltages
vs. Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ - Degrees Centigrade
BVDSS
VGS(th)


Similar Part No. - IXFH30N60X

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH30N60X ISC-IXFH30N60X Datasheet
383Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH30N60X

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com