Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE3505-LF Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE3505-LF
Description  1.9A Fixed Frequency White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE3505-LF Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE3505-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 8Page - Seaward Electronics Inc. SE3505-LF Datasheet HTML 9Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
2
9/4/2012
SE3505
1.9A Fixed Frequency White LED Driver
Typical Application
(1)
8 series LED application
General Description
The SE3505 is a step-up converter designed
for driving up to 8 series white LEDs for
backlighting application. The SE3505 uses
current
mode,
1.2MHZ
fixed
frequency
architecture to regulate the LED current, which
is set through an external current sense
resistor. Its low 300mV feedback voltage
reduces power loss and improves efficiency.
The OV pin monitors the output voltage and
turns off the converter if an over-voltage
condition is present due to an open circuit
condition. The SE3505 includes under-voltage
lockout, current limiting and thermal shutdown
protection preventing damage in the event of
an output overload. The driver is available in
small 6-pin SOT-23 package.
Features
2.5V to 5.5V operating input voltage range
Drives up to 8 series White LEDs
1.2MHz Fixed Switching Frequency
Wide range for PWM dimming (200Hz to
200KHz)
Internal 1.9A switching current limit
Over Voltage Protection (OVP)
Internal Soft-start Function
Current
limit
and
Thermal
shutdown
protection
Under voltage Lockout
Available in the 6-pin SOT-23 Package
Applications
Camera Flash White LED
Mobile Phone, Smart Phone LED Backlight
PDA
LED Backlight
Digital Still Cameras
Camcorder


Similar Part No. - SE3505-LF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE350 LITTELFUSE-SE350 Datasheet
656Kb / 3P
   Gas Discharge Tubes
Revised: 12/12/17
logo
Seaward Electronics Inc...
SE3506 SEAWARD-SE3506 Datasheet
240Kb / 6P
   White LED Step-Up Converter
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
SE3507-LF SEAWARD-SE3507-LF Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
   1MHz, 5A Step-up Current Mode PWM Converter
More results

Similar Description - SE3505-LF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
   1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
   Fixed Frequency White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
   FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
   Fixed Frequency White LED Driver
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
   Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
   1.3A Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
   1.3MHz Fixed Frequency 5 White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
   1.3MHz Fixed Frequency 5 White LED Driver
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com