Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83934VF Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 73Page - National Semiconductor (TI) DP83934VF Datasheet HTML 74Page - National Semiconductor (TI) DP83934VF Datasheet HTML 75Page - National Semiconductor (TI) DP83934VF Datasheet HTML 76Page - National Semiconductor (TI) DP83934VF Datasheet HTML 77Page - National Semiconductor (TI) DP83934VF Datasheet HTML 78Page - National Semiconductor (TI) DP83934VF Datasheet HTML 79Page - National Semiconductor (TI) DP83934VF Datasheet HTML 80Page - National Semiconductor (TI) DP83934VF Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
90 AC and DC Specifications (Continued)
AC Characteristics
BUS CLOCK TIMING
TLF11719 – 57
Number
Parameter
20 MHz
25 MHz
Units
Min
Max
Min
Max
T1
Bus Clock Low Time
22
18
ns
T2
Bus Clock High Time
22
18
ns
T3
Bus Clock Cycle Time
50
100
40
100
ns
POWER-ON RESET
TLF11719 – 58
NON POWER-ON RESET
TLF11719 – 59
Number
Parameter
20 MHz
25 MHz
Units
Min
Max
Min
Max
T4
USRk10l Setup to RST
76
ns
T5
USRk10l Hold from RST
98
ns
T6
Power-On Reset Low (Notes 1 2)
10
10
TXC
T8
Reset Pulse Width (Notes 1 2)
10
10
TXC
Note 1
The reset time is determined by the slower of BSCK or TXC If BSCK l TXC T6 and T8 equal 10 TXCs If BSCK k TXC T6 and T8 equal 10 BSCKs (T3)
Note 2
These specifications are not tested
77


Similar Part No. - DP83934VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Pulse A Technitrol Comp...
DP83934 PULSE-DP83934 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83934VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
   Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83932C-20 NSC-DP83932C-20 Datasheet
1Mb / 98P
   MHz SONICTM Systems-Oriented Network Interface Controller
DP83916 NSC-DP83916 Datasheet
1Mb / 96P
   SONICTM-16 Systems-Oriented Network Interface Controller
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
   ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
   TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com