Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83934VF Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 37Page - National Semiconductor (TI) DP83934VF Datasheet HTML 38Page - National Semiconductor (TI) DP83934VF Datasheet HTML 39Page - National Semiconductor (TI) DP83934VF Datasheet HTML 40Page - National Semiconductor (TI) DP83934VF Datasheet HTML 41Page - National Semiconductor (TI) DP83934VF Datasheet HTML 42Page - National Semiconductor (TI) DP83934VF Datasheet HTML 43Page - National Semiconductor (TI) DP83934VF Datasheet HTML 44Page - National Semiconductor (TI) DP83934VF Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
60 SONIC-T Registers (Continued)
632 Data Configuration Register
(Continued)
Bit
Description
10
SBUS SYNCHRONOUS BUS MODE
The SBUS bit is used to select the mode of system bus operation when SONIC-T is a bus master This bit selects the internal
ready line to be either a synchronous or asynchronous input to SONIC-T during block transfer DMA operations
0 Asynchronous mode RDYi (BMODE e 0) or DSACK01 (BMODE e 1) are respectively internally synchronized
at the falling edge of the bus clock (T2 of the DMA cycle) No setup or hold times need to be met with kS2–S5l
respect to this edge to guarantee proper bus operation The minimum memory cycle time is 3 bus clocks
1 Synchronous mode RDYi (BMODE e 0) and DSACK01 (BMODE e 1) must respectively meet the setup and kS2–S5l
hold times with respect to the rising edge of T1 or T2 to guarantee proper bus operation
9 8
USR10 USER DEFINABLE PINS
The USR10 bits report the level of the USR10 signal pins respectively after a chip hardware reset If the USR10 signal pins
are at a logical 1 (tied to VCC) during a hardware reset the USR10 bits are set to a 1 If the USR10 pins are at a logical 0 (tied
to ground) during a hardware reset the USR10 bits are set to a 0 These bits are latched on the rising edge of RST Once set
they remain setreset until the next hardware reset
7 6
WC10 WAIT STATE CONTROL
These encoded bits determine the number of additional bus cycles (T2 states) that are added during each DMA cycle
WC1
WC0
Bus Cycles Added
00
0
01
1
10
2
11
3
5
DW DATA WIDTH SELECT
These bits select the data path width for DMA operations
DW
Data Width
0
16-bit
1
32-bit
4
BMS BLOCK MODE SELECT FOR DMA
Determines how data is emptied or filled into the Receive or Transmit FIFO
0 Emptyfill mode All DMA transfers continue until either the Receive FIFO has emptied or the Transmit FIFO has
filled completely
1 Block mode All DMA transfers continue until the programmed number of bytes RFT0 (RFT1 during reception or
TF0 TF1 during transmission) have been transferred (See note for TFT0 TFT1)
3 2
RFT1RFT0 RECEIVE FIFO THRESHOLD
These encoded bits determine the number of words (or long words) that are written into the receive FIFO from the MAC unit
before a receive DMA request occurs (See Section 35)
LB1
LB0
Function
0
0
2 words or 1 long word (4 bytes)
0
1
4 words or 2 long words (8 bytes)
1
0
8 words or 4 long words (16 bytes)
1
1
12 words or 6 long words (24 bytes)
Note
In block mode (BMS bit e 1) the receive FIFO threshold sets the number of words (or long words) written to memory during a receive DMA block cycle
1 0
TFT1TFT0 TRANSMIT FIFO THRESHOLD
These encoded bits determine the minimum number of words (or long words) the DMA section maintains in the transmit
FIFO A bus request occurs when the number of words drops below the transmit FIFO threshold (See Section 35)
LB1
LB0
Function
0
0
4 words or 2 long words (8 bytes)
0
1
18 words or 4 long words (16 bytes)
1
0
12 words or 6 long words (24 bytes)
1
1
14 words or 7 long words (28 bytes)
Note
In block mode (BMS e 1) the number of bytes the SONIC-T reads in a single DMA burst equals the transmit FIFO threshold value If the number of
words or long words needed to fill the FIFO is less than the threshold value then only the number of reads required to fill the FIFO in a single DMA burst will be
made Typically with the FIFO threshold value set to 12 or 14 words the number of memory reads needed is less than the FIFO threshold value
41


Similar Part No. - DP83934VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Pulse A Technitrol Comp...
DP83934 PULSE-DP83934 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83934VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
   Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83932C-20 NSC-DP83932C-20 Datasheet
1Mb / 98P
   MHz SONICTM Systems-Oriented Network Interface Controller
DP83916 NSC-DP83916 Datasheet
1Mb / 96P
   SONICTM-16 Systems-Oriented Network Interface Controller
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
[Old version datasheet]   DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Winbond
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
   ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
   TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com