Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE1051 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE1051
Description  Constant Voltage and Constant Current Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1051 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE1051 Datasheet HTML 1Page - Seaward Electronics Inc. SE1051 Datasheet HTML 2Page - Seaward Electronics Inc. SE1051 Datasheet HTML 3Page - Seaward Electronics Inc. SE1051 Datasheet HTML 4Page - Seaward Electronics Inc. SE1051 Datasheet HTML 5Page - Seaward Electronics Inc. SE1051 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Revision 11/24/2015
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 5
Start Up and Short Circuit Conditions
Under start-up or short-circuit conditions the SE1051 does not have a high enough supply voltage. This is due
to the fact that the chip has its power supply line in common with the power supply line of the charger system.
Consequently, the current limitation can only be ensured by the primary PWM module, which should be
designed accordingly.
If the primary current limitation is considered not to be precise enough for the application, then a sufficient
supply for the SE1051 has to be ensured under any condition. It would then be necessary to add some
circuitry to supply the chip with a separate power line. This can be achieved in numerous ways, including an
additional winding on the transformer.
The following schematic shows how to realize a low-cost power supply for the SE1051 (with no additional
windings).
Please pay attention to the fact that in the particular case presented here, this low-cost power supply can
reach voltages as high as twice the voltage of the regulated line. Since the Absolute Maximum Rating of the
SE1051 supply voltage is 18V, this low-cost auxiliary power supply can only be used in applications where
the regulated line voltage does not exceed 9V.
Fig. 3


Similar Part No. - SE1051

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1051 SEAWARD-SE1051 Datasheet
255Kb / 6P
   Constant Voltage and Constant Current Controller
More results

Similar Description - SE1051

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com