Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE100B Datasheet(PDF) 8 Page - Seaward Electronics Inc.

Part # SE100B
Description  QC2.0 Interface Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE100B Datasheet(HTML) 8 Page - Seaward Electronics Inc.

  SE100B Datasheet HTML 1Page - Seaward Electronics Inc. SE100B Datasheet HTML 2Page - Seaward Electronics Inc. SE100B Datasheet HTML 3Page - Seaward Electronics Inc. SE100B Datasheet HTML 4Page - Seaward Electronics Inc. SE100B Datasheet HTML 5Page - Seaward Electronics Inc. SE100B Datasheet HTML 6Page - Seaward Electronics Inc. SE100B Datasheet HTML 7Page - Seaward Electronics Inc. SE100B Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SE100B
QC2.0 Interface Module
OUTLINE DRAWING SOP-8
1
2
3
4
5
6
7
8
H
E
D
A1
A
B
B1
C
MIN
MAX
MIN
MAX
A
0.0532 0.0688
1.35
1.75
A1 0.0040 0.0098
0.10
0.25
B
0.0130 0.0200
0.33
0.51
B1
C
0.0075 0.0098
0.19
0.25
D
0.1890 0.1968
4.80
5.00
H
0.2284 0.2440
5.80
6.20
E
0.1497 0.1574
3.80
4.00
DIMENSIONS
0.050 BSC
1.27 BSC
DIM
N
INCHES
MM
联系方式:
北京思旺电子技术有限公司
–中国总部
地址:中国北京市海淀区信息路
22 号上地科技综合楼 B 座二层
邮编:
100085
电话
:010-82895700/1/5
传真
:010-82895706
Seaward Electronics Corporation – 台湾办事处
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
电话
: 886-2-2712-0307
传真
: 886-2-2712-0191
Seaward Electronics Incorporated – 北美办事处
1512 Centre Pointe Dr.
Milpitas, CA95035, USA
电话
: 1-408-821-6600
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
8
9/4/2012


Similar Part No. - SE100B

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE100 SEAWARD-SE100 Datasheet
422Kb / 9P
   QC2.0 Interface Module
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Vishay Siliconix
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 02-Jun-2020
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
SE100PWB VISHAY-SE100PWB_V01 Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
More results

Similar Description - SE100B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM100 HMSEMI-HM100 Datasheet
713Kb / 8P
   QC2.0 Interface Module
logo
Seaward Electronics Inc...
SE100 SEAWARD-SE100 Datasheet
422Kb / 9P
   QC2.0 Interface Module
SE3510 SEAWARD-SE3510 Datasheet
415Kb / 7P
   1MHz, 3A, Boost PWM Converter with QC2.0 interface
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
   Interface control chip supporting QC2.0 fast charging protocol
logo
Diodes Incorporated
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
   QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
logo
Pepperl+Fuchs Inc.
VLX-F231-B25 PF-VLX-F231-B25 Datasheet
717Kb / 3P
   Interface module
logo
WAGO Kontakttechnik Gmb...
289-652 WAGO-289-652 Datasheet
345Kb / 6P
   Interface module
22.11.2021
289-544 WAGO-289-544 Datasheet
396Kb / 6P
   Interface module
logo
Pepperl+Fuchs Inc.
VLX-F231-B6 PF-VLX-F231-B6 Datasheet
193Kb / 2P
   Interface module
VLX-F231-B17 PF-VLX-F231-B17 Datasheet
747Kb / 3P
   Interface module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com