Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE78MXX Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE78MXX
Description  Fixed Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE78MXX Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE78MXX Datasheet HTML 1Page - Seaward Electronics Inc. SE78MXX Datasheet HTML 2Page - Seaward Electronics Inc. SE78MXX Datasheet HTML 3Page - Seaward Electronics Inc. SE78MXX Datasheet HTML 4Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision 3/8/2012
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 2
Fixed Voltage Regulator
(Preliminary)
SE78MXX
Absolute Maximum Rating
Parameter
Symbol
Maximum
Units
Input Voltage
VIN
36
V
Output current
Io
500
mA
Operating Junction Temperature Range
TJ
0 to +125
°C
Lead Temperature (Soldering) 10 seconds
TLEAD
260
°C
Power dissipation(note 1)
PD
Internal Limited
W
Storage Temperature
TSTG
-65 to +150
°C
ESD (HBM) Susceptibility
VESD
2
KV
Thermal Resistance, Junction-to-Ambient
θ
(JA)
250(SOT23-5)
oC/W
92(TO-252)
Electrical Characteristics
VIN = Vout+5.0V; CIN = 0.33μF,Cout=0.1uF; TJ = 25°C; unless otherwise specified
Symbol
Parameter
Conditions
SE78M05
Unit
Min
Typ
Max
VO
Output Voltage
Iout=10mA
3.201
3.3
3.399
V
4.80
5.0
5.20
7.68
8.0
8.32
8.64
9.0
9.36
ΔVO
Line Regulation
(Vout+3V) ≤ VIN ≤ 36V;
Iout=1mA
--
0.03%
mV/V
ΔVO
Load Regulation
1mA ≤ IO ≤ 500mA
--
0.005%
mV/mA
IQ
Quiescent Current
Io =10mA
--
4
mA
ΔIQ
Quiescent Current Change
8V ≤ VIN ≤ 18V
--
1
--
5mA ≤ IO ≤ 500mA
--
0.5
--
RR
Ripple Rejection
f =120Hz,
CIN=COUT=0.33uF
--
65
--
dB
IPK
Peak Output Current
1.0
--
A
ΔVO/ΔT
Temperature coefficient of Vo
IO = 10mA
--
0.20
--
mV/°C
Vd
Dropout voltage
Tj=25
oC
2.0
V
VN
Output Noise Voltage
10Hz<f<100KHz
70
uV


Similar Part No. - SE78MXX

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE7805 SECOS-SE7805 Datasheet
552Kb / 6P
   Positive Voltage Regulator
SE7805 SECOS-SE7805 Datasheet
422Kb / 5P
   3-Terminal Positive Voltage Regulator
SE7806 SECOS-SE7806 Datasheet
552Kb / 6P
   Positive Voltage Regulator
SE7806 SECOS-SE7806 Datasheet
422Kb / 5P
   3-Terminal Positive Voltage Regulator
SE7808 SECOS-SE7808 Datasheet
552Kb / 6P
   Positive Voltage Regulator
More results

Similar Description - SE78MXX

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com